Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2855ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADN2855
Rev. B | Page 11 of 20
THEORY OF OPERATION
The ADN2855 is designed specifically for burst mode data
recovery in GPON/BPON/GEPON optical line terminal (OLT)
receivers.
The ADN2855 requires a reference clock that is frequency locked
to the incoming data. The FLL (frequency-locked loop) of the
ADN2855 acquires frequency lock with respect to this reference
clock, pulling the VCO towards 0 ppm frequency error. It is
assumed that the upstream bursts to the OLT are clocked by the
recovered clock from the optical network terminal (ONT) CDR.
This guarantees frequency lock to the OLT system clock.
The ADN2855 has a preamble detector that looks for a maximum
transition density pattern (1010…) within the preamble. Once
this pattern is detected in the preamble, the on-chip delay/phase-
locked loop (D/PLL) quickly acquires phase lock to the incoming
burst within 12 UI of the 1010… pattern. The D/PLL also pulls
in any remaining frequency error that was not pulled in by the
FLL. The incoming data is retimed by the recovered clock and
output either serially or in a 4-bit parallel output nibble.
The ADN2855 requires a RESET signal between bursts to set
the device into a fast phase acquisition mode. The RESET signal
must be asserted within 8 UI of the end of the previous burst,
and it must be deasserted prior to the start of the maximum
transition density portion of the preamble, which is specifically
provided for the burst mode clock recovery device to acquire
the phase of the incoming burst. The RESET signal must be at
least 16 UI wide. See the Reset Timing Options section for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com