Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADN2855ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADN2855
Rev. B | Page 5 of 20
TIMING CHARACTERISTCS
CLKOUTP
DATxP/
DATxN
tS
tH
Figure 2. Output Timing
OUTP
OUTN
OUTP – OUTN
0V
VSE
VLVDS
VSE
VDIFF
Figure 3. Single-Ended vs. Differential Output Specifications
CLKOUTP
DAT0P/
DAT0N
tH
tS
Figure 4. Serial Output Mode (Full Rate Clock)
DAT0P/
DAT0N
CLKOUTP
tH
tS
Figure 5. Serial Output Mode (Half Rate Clock, DDR Mode)
DATxP/
DATxN
CLKOUTP
tH
tS
Figure 6. Nibble Output Mode (Full Rate Clock)
DATxP/
DATxN
CLKOUTP
tH
tS
Figure 7. Nibble Output Mode (Half Rate Clock, DDR Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com