Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN2855ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADN2855
Data Sheet
Rev. B | Page 10 of 20
Table 7. Internal Register Map1
Reg. Name
R/W
Address
D7
D6
D5
D4
D3
D2
D1
D0
CTRLA
W
0x08
FREF range
Data rate/DIV_FREF ratio
0
Lock to REFCLK
CTRLA_RD
R
0x05
Readback CTRLA
CTRLB
W
0x09
0
0
Initiate
acquisition
0
0
0
0
0
CTRLB_RD
R
0x06
Readback CTRLB
CTRLC
W
0x11
0
0
Bus swap
Parallel
CLKOUT mode
RxCLK phase
adjust
0
Output boost
CTRLD
W
0x22
Output
mode
Disable
data buffer
Disable clock
buffer
0
0
0
0
Serial CLKOUT
mode
1
All writeable registers default to 0x00.
Table 8. Control Register, CTRLA1
Bit No.
Description
[7:6]
FREF range
00 = 10 MHz to 25 MHz
01 = 25 MHz to 50 MHz
10 = 50 MHz to 100 MHz
11 = 100 MHz to 200 MHz
[5:2]
Data rate/DIV_FREF ratio
0000 = 1
0001 = 2
0010 = 4
…
n = 2n
…
1000 = 256
[1]
Set to 0
[0]
Lock to RFCLK
0 = lock to input data
1 = lock to reference clock
1
Where DIV_FREF is the divided down reference referred to the 10 MHz to
20 MHz band (see the Reference Clock section).
Table 9. Control Register, CTRLB
Bit No.
Description
[7:6]
Set to 0
[5]
Initiate acquisition; write a 1 followed by 0
to initiate a new acquisition
[4:0]
Set to 0
Table 10. Control Register, CTRLC
Bit No.
Description
[7:6]
Set to 0
[5]
Bus swap
0 = DAT3 is earliest bit
1 = DAT0 is earliest bit
[4]
Parallel CLKOUT mode
0 = full rate parallel clock
1 = half rate parallel clock (DDR mode)
[3:2]
RxCLK phase adjust
00 = CLK edge in center of eye
01 = +2 UI vs. baseline (CLK edge aligned with
data transition)
10 = +0.5 UI vs. baseline
11 = −1.5 UI vs. baseline
[1]
Set to 0
[0]
Output boost
0 = default
1 = boost output swing
Table 11. Control Register, CTRLD
Bit No.
Description
[7]
Output mode
0 = parallel output
1 = serial output
[6]
Disable data buffer
0 = default
1 = disable data output buffer
[5]
Disable clock buffer
0 = default
1 = disable clock output buffer
[4:1]
Set to 0
[0]
Serial CLKOUT mode
0 = half rate serial clock
1 = full rate serial clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com