Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADN2855ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADN2855
Data Sheet
Rev. B | Page 14 of 20
OUTPUT MODES
Parallel or Serial Output Mode
The output of the ADN2855 can be configured in a 4-bit
parallel output nibble mode, or it can be configured in a
serial output mode. The default mode of operation is for
the Rx data to be deserialized and output in a 4-bit nibble,
present at DATxP/DATxN, where the earliest bit is present
on DAT3P/DAT3N. Setting Bit CTRLC[5] = 1 reverses the
order of the DATxP/DATxN bus such that the earliest bit is
present on DAT0P/DAT0N.
Setting bit CTRLD[7] = 1 puts the device into serial output
mode. In this mode, the Rx data is present on DAT0P/DAT0N.
Double Data Rate Mode
The default output mode for the ADN2855 is for a 4-bit deseria-
lized output with a full rate output clock, where the output
data switches on the rising edge of the output clock. When
the ADN2855 is programmed to be in parallel output mode
(CTRLD[7] = 0), setting CTRLC[4] = 1 puts the ADN2855
clock output through divide-by-two circuitry, allowing direct
interfacing to FPGAs that support data clocking on both rising
and falling edges.
When the ADN2855 is in serial output mode (deserializer off),
CTRLD[7] = 1, the default is for a half rate output clock where
the data switches on both falling and rising edges of the output
clock. Setting CTRLD[0] = 1 sets the serial clock output into full
rate mode so that the output data switches only on the rising edges
of the output clock.
RxCLK Phase Adjust
The ADN2855 provides the option of adjusting the phase of the
output clock with respect to the parallel output data. In parallel
mode, the duration of each bit is 4 UI wide, due to the deserializa-
tion. There are three additional phase adjust options other than
the baseline (that is, CLK edge in the center of the data eye): +2 UI,
+0.5 UI, and −1.5 UI. The output clock phase adjustment feature
is accessed via CTRLC[3:2]. See Table 10 for details.
DISABLE OUTPUT BUFFERS
The ADN2855 provides the option of disabling the output buffers
for power savings. The clock output buffers can be disabled by
setting CTRLD[5] = 1. For additional power savings (for example,
in a low power standby mode), the data output buffers can also
be disabled by setting CTRLD[6] = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com