Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2855ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2855ACPZ-R7
Description  Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2855ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2855ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADN2855ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADN2855
Data Sheet
Rev. B | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
SADDR[2]
RESET
SADDR[1]
NIN
PIN
VCC
VEE
SDA
VCC
VEE
DAT1P
DAT1N
NOTES
1. THERE IS AN EXPOSED PAD ON THE BOTTOM OF THE
PACKAGE THAT MUST BE CONNECTED TO VEE (GND).
DAT2P
DAT2N
DAT3P
DAT3N
PIN 1
INDICATOR
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
ADN2855
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
SADDR[2]
DI
Slave Address Bit 2.
2
RESET
DI
RESET Pulse to be Asserted Prior to Incoming Burst. Active high.
3
SADDR[1]
DI
Slave Address Bit 1.
4
NIN
AI
Differential Data Input. CML.
5
PIN
AI
Differential Data Input. CML.
6
VCC
P
3.3 V Power.
7
VEE
P
GND.
8
SDA
IO
I2C Data I/O.
9
SCK
DI
I2C Clock.
10
REFCLKP
DI
Differential REFCLK Input.
11
REFCLKN
DI
Differential REFCLK Input.
12
VCC
P
3.3 V Power.
13
VEE
P
GND.
14
CF2
AO
Frequency Loop Capacitor.
15
CF1
AO
Frequency Loop Capacitor.
16
DATAV
DO
Output Data Valid. LVTTL active low.
17
DAT3N
DO
Differential Deserialized Output MSB, LVDS.
18
DAT3P
DO
Differential Deserialized Output MSB, LVDS.
19
DAT2N
DO
Differential Deserialized Output Bit 2, LVDS.
20
DAT2P
DO
Differential Deserialized Output Bit 2, LVDS.
21
DAT1N
DO
Differential Deserialized Output Bit 1, LVDS.
22
DAT1P
DO
Differential Deserialized Output Bit 1, LVDS.
23
VEE
P
GND.
24
VCC
P
3.3 V Power.
25
DAT0N
DO
Differential Deserialized Output LSB, LVDS
26
DAT0P
DO
Differential Deserialized Output LSB, LVDS
27
VCC
P
3.3 V Power
28
CLKOUTP
DO
Differential Recovered Clock Output, LVDS.
29
CLKOUTN
DO
Differential Recovered Clock Output, LVDS.
30
SQUELCH
DI
Squelch Data and/or Clock Outputs. Active high.
31
VEE
P
GND
32
VCC
P
3.3 V Power.
33 (EPAD)
Exposed Pad (EPAD)
P
There is an exposed pad on the bottom of the package that must be connected to VEE (GND).
1 P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output, IO = digital input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com