Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 18Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 19Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 20Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 21Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 22Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 23Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 24Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
9.6.2 Memory Safeguard
9.6.2.1 Description
The Memory Safeguard of UCODE 8/8m consist of three different countermeasures
which ensure integrity of the stored data:
ECC (Error correction code):
The implemented ECC is applied on the EPC- and User-Memory. With this feature, a
single bit failure in the memory is detected and corrected automatically. In case of 2 bit
fail, an indication is given.
EPC Memory:
The config word bit 200h (EPC check) indicates, if the EPC check is active ("1"). In case
a single bit was corrected this will be indicated by the bit 201h (EPC Corr). Should a 2-bit
failure occur bit 202h (EPC NOK) will be activated ("1"). In this case, no error correction
will be applied and the EPC memory content readout will provide the actual content.
User Memory:
The config word bit 20Ch (User Memory check) indicates if the User Memory check
is active ("1"). In case a single bit was corrected this will be indicated by the bit 20Dh
(User Memory Corr). Should a 2-bit failure occur, bit 20Eh (User Memory NOK) will be
activated ("1"). In this case, no error correction will be applied and the User Memory
content readout will provide the actual content.
This feature will be activated in case a Lock operation is applied on the according
memory bank. If there is a password lock and a change of the memory content in the
secured state, the ECC will be not re-calculated and the feature is disabled. To re-enable
the ECC functionality also in this condition, an unlock and re-lock is required.
Parity check:
A parity check on the TID is implemented to offer the possibility to identify a change in
the TID. The parity bit (Even parity) will be calculated and locked in the manufacturing
process. For a check, the TID content needs to be read out and parity checked.
Margin Check
The implemented margin check is acting on the EPC-, Reserved- and User-Memory.
During performing a Lock operation on the targeted memory bank the IC checks for
sufficient programming margin of the memory cell and only responds after a successful
check. In case of insufficient margin an error code will be responded and the Lock not
completed. A re-check on already locked memory banks requires an unlock and re-lock
command.
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
22 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com