Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 6Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
not to scale!
(1)
(10)
(2)
(12)
(4)
(3)
Y
X
TP2
TP1
RF2
RF1
(6)
(7)
(8)
(9)
(5)
(13)
(11)
aaa-027144
1. X-scribe line width not expanded: 6.6 μm (Expanded, typically 15 μm)
2. Y-scribe line width not expanded: 6.6 μm (Expanded, typically 15 μm)
3. Chip step, Y-length: 477.6 μm
4. Chip step, X-length: 467.6 μm
5. Bump to bump distance X (RF1 - RF2): 115 μm
6. Distance bump to metal sealring Y: 17.5 μm
7. Bump size (TP1, TP2) Y: 100 μm
8. Bump to bump distance Y (RF1 - TP2, RF2 - TP1): 50 μm
9. Bump size (RF1, RF2) Y: 278 μm
10. Distance bump to metal sealring X: 17.5 μm
11. Bump size (TP1, TP2) X: 134.2 μm
12. Bump size (RF1, RF2) X: 151.5 μm
13. Distance bump to metal sealring X: 435.5 μm
Remark: TP1 and TP2 are electrically disconnected after dicing
Figure 5.  UCODE 8/8m, 12" wafer layout, Large Pads, plasma dicing
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
10 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com