Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
Pad shear strength
> 70 MPa
Pad height
3 μm
Pad height uniformity
– within a die
max. 2 μm
– within a wafer
max. 4 μm
Pad flatness
max. 3 μm
Pad size
– RF1, RF2 (max. details see wafer layout)
151.5 μm × 278 μm
– TP1, TP2 (max. details see wafer layout)
134.2 μm × 100 μm
Pad size variation
± 5 μm
Table 3. 8 inch specification with Large Pads, stealth dicing...continued
8.1.2 12 inch Wafer with Large Pads
See "Data sheet - Delivery type description – General specification for 12" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1862**"
Wafer
Designation
each wafer is scribed with batch number and
wafer number
Diameter
300 mm (12") unsawn
Thickness
120 μm ± 15 μm
Number of pads
4
Pad location
non-diagonal / placed in chip corners
Process
CMOS 0.14 μm
Batch size
25 wafers
Net printed dies per wafer
258934
Wafer backside
Material
Si
Treatment
ground and stress release
Roughness
Ra max. 0.5 μm, Rt max. 5 μm
Chip dimensions
Die size excluding scribe
0.465 mm × 0.475 mm = 0.22 mm2
Scribe line width:
x-dimension = 35 μm
y-dimension = 35 μm
Passivation on front
Type
Sandwich structure
Material
PE-Nitride (on top)
Thickness
1.75 μm total thickness of passivation
Polyimide spacer
10 μm ± 2 μm
Table 4. 12 inch specification with Large Pads, conventional dicing
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
12 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com