Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 36 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 32Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 33Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 34Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 35Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 36Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 37Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 38Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
Tables
Tab. 1.
Ordering information ..........................................5
Tab. 2.
Pin description bare die .................................... 7
Tab. 3.
8 inch specification with Large Pads,
stealth dicing ................................................... 11
Tab. 4.
12 inch specification with Large Pads,
conventional dicing ..........................................12
Tab. 5.
12 inch specification with Large Pads,
plasma dicing .................................................. 13
Tab. 6.
UCODE 8 memory sections ............................16
Tab. 7.
UCODE 8m memory sections ......................... 16
Tab. 8.
UCODE 8 overall memory map .......................17
Tab. 9.
UCODE 8m overall memory map ....................18
Tab. 10. Configuration word UCODE 8/8m ................... 20
Tab. 11. Configuration word UCODE 8/8m ...
continued .........................................................20
Tab. 12. Untraceable command .................................... 27
Tab. 13. Untraceable command-response table ............27
Tab. 14. Limiting values ................................................ 28
Tab. 15. UCODE 8/8m RF interface characteristics
(RF1, RF2) ...................................................... 29
Tab. 16. UCODE 8/8m memory characteristics .............29
Tab. 17. Abbreviations ...................................................31
Tab. 18. Revision history ...............................................33
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
36 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com