Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
8 Mechanical specification
The UCODE 8 wafers are available in 120 μm thickness. For Large Gold Pads the 120
μm thick wafer is enhanced with 10 μm Polyimide spacer resulting in less coupling
between the antenna and the active circuit, leaving a larger process window for
assembly.
8.1 Wafer specification
8.1.1 8 inch Wafer with Large Pads, stealth dicing
See "Data sheet - Delivery type description – General specification for 8" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1093**"
Wafer
Designation
each wafer is scribed with batch number and
wafer number
Diameter
200 mm (8") unsawn- 205 mm typical sawn
on foil
Thickness
120 μm ± 15 μm
Number of pads
4
Pad location
non-diagonal / placed in chip corners
Process
CMOS 0.14 μm
Batch size
25 wafers
Net printed dies per wafer
120794
Wafer backside
Material
Si
Treatment
ground and stress release
Roughness
Ra max. 0.5 μm, Rt max. 5 μm
Chip dimensions
Die size excluding scribe
0.465 mm × 0.475 mm = 0.22 mm2
Scribe line width:
x-dimension = 15 μm
y-dimension = 15 μm
Passivation on front
Type
Sandwich structure
Material
PE-Nitride (on top)
Thickness
1.75 μm total thickness of passivation
Polyimide spacer
10 μm ± 2 μm
Au pads
Pad material
> 99.9 % pure Au
Pad hardness
35 – 80 HV 0.005
Table 3. 8 inch specification with Large Pads, stealth dicing
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
11 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com