Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 25Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 28Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 29Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 32Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
11 Characteristics
11.1 UCODE 8/8m bare die characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
840
-
960
MHz
Pi(min)
minimum input power
READ sensitivity
[1] [2] [3] -
- 22.9
-
dBm
reduced operating
range
[4]
-
+ 1
-
dBm
Pi(min)
minimum input power
WRITE sensitivity
[4]
-
-17.8
-
dBm
16-bit
[5]
-
0.7
-
ms
t 16bit
encoding speed
32-bit (block write)
[5]
-
1.2
-
ms
Ci
chip input capacitance, Large Pads parallel
[2] [6] [7] -
0.69
-
pF
866 MHz
[2] [6] [7] -
15-j265
-
Ω
915 MHz
[2] [6] [7] -
14-j252
-
Ω
Z
chip impedance, Large Pads
953 MHz
[2] [6] [7] -
13-j242
-
Ω
Z
typical assembled impedance,
Large Pads (see Figure 8)
915 MHz
[8] [9] [7] -
19-j234
Ω
Z
typical assembled impedance in
case of single-slit antenna
assembly, Large Pads (see
Figure 9)
915 MHz
[8] [10]
[7]
13-j191
-
Ω
Table 15. UCODE 8/8m RF interface characteristics (RF1, RF2)
[1]
Power to process a QUERY command
[2]
Measured with a 50 Ω source impedance directly on the chip
[3]
Results in approximately -23 dBm tag sensitivity with a 2.15 dBi gain antenna
[4]
Tag sensitivity on a 2.15 dBi gain antenna
[5]
When the memory content is "0000...".
[6]
At minimum operating power
[7]
at center capacitor of Self Adjust
[8]
The antenna shall be matched to this impedance
[9]
Assuming 50ff additional assembly capacitance
[10] Assuming 220ff additional assembly+test pad capacitance
Symbol
Parameter
Conditions
Min
Typ
Max Unit
EEPROM characteristics
tret
retention time
Tamb ≤ 55 °C
20
-
-
year
Nendu(W)
write endurance
100k -
-
cycle
Table 16. UCODE 8/8m memory characteristics
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
29 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com