Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1205FUD2/HAP Datasheet(PDF) 30 Page - NXP Semiconductors

Part # SL3S1205FUD2/HAP
Description  UCODE 8/8m
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1205FUD2/HAP Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button SL3S1205FUD2/HAP Datasheet HTML 26Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 27Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 28Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 29Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 30Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 31Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 32Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 33Page - NXP Semiconductors SL3S1205FUD2/HAP Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
NXP Semiconductors
SL3S1205_15
UCODE 8/8m
12 Packing information
12.1 Wafer
See "Data sheet - Delivery type description – General specification for 8" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1093**"
See "Data sheet - Delivery type description – General specification for 12" wafer on UV-
tape with electronic fail die marking, BU-S&C document number: 1862**"
SL3S1205_15
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 3.5 — 1 April 2021
COMPANY PUBLIC
398435
30 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com