Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 4 Page - Analog Devices

  ADF4212LBRU Datasheet HTML 1Page - Analog Devices ADF4212LBRU Datasheet HTML 2Page - Analog Devices ADF4212LBRU Datasheet HTML 3Page - Analog Devices ADF4212LBRU Datasheet HTML 4Page - Analog Devices ADF4212LBRU Datasheet HTML 5Page - Analog Devices ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
ADF4212L
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADF4212L features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1, 2, 3
(TA = 25
°C, unless otherwise noted.)
VDD1 to GND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.6 V
VDD1 to VDD2 . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
VP1, VP2 to GND . . . . . . . . . . . . . . . . . . . . –0.3 V to +3.6 V
VP1, VP2 to VDD1, VDD2 . . . . . . . . . . . . . . . –0.3 V to +3.6 V
Digital I/O Voltage to GND . . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
REFIN, RFIN, IFIN to GND . . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
°C
TSSOP JA Thermal Impedance . . . . . . . . . . . . . 150.4
°C/W
CSP JA Thermal Impedance (Paddle Soldered) . . . 122
°C/W
CSP JA Thermal Impedance (Paddle Not Soldered) 216
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2This device is a high performance RF integrated circuit with an ESD rating of
<2 kV, and it is ESD sensitive. Proper precautions should be taken for handling and
assembly.
3GND = AGND = DGND = 0 V
ORDERING GUIDE
Model
Temperature Range
Package Option
*
ADF4212LBRU
–40
°C to +85°C
RU-20
ADF4212LBCP
–40
°C to +85°C
CP-20
*RU = Thin Shrink Small Outline Package (TSSOP)
CP = Chip Scale Package
Contact the factory for chip availability.
PIN CONFIGURATION
TSSOP
REFIN
CLK
DATA
LE
MUXOUT
RFIN
CPRF
FLO
AGNDRF
VDD1
DGNDRF
VDD2
VP1
ADF4212L
DGNDIF
AGNDIF
IFIN
DGNDIF
CPIF
VP2
1
10
11
20
RSET
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
TOP VIEW
(Not To Scale)
LFCSP
FLO
RFIN
CPRF
AGNDRF
DGNDRF
1
2
3
4
5
LE
RSET
AGNDIF
DGNDIF
11
IFIN
12
13
14
15
16
17
18
19
20
10
9
8
7
6
ADF4212L
CHIP SCALE
PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com