Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 19 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 12Page - Analog Devices ADF4212LBRU Datasheet HTML 13Page - Analog Devices ADF4212LBRU Datasheet HTML 14Page - Analog Devices ADF4212LBRU Datasheet HTML 15Page - Analog Devices ADF4212LBRU Datasheet HTML 16Page - Analog Devices ADF4212LBRU Datasheet HTML 17Page - Analog Devices ADF4212LBRU Datasheet HTML 18Page - Analog Devices ADF4212LBRU Datasheet HTML 19Page - Analog Devices ADF4212LBRU Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
ADF4212L
–19–
Interfacing
The ADF4212L has a simple SPI compatible serial interface for
writing to the device. SCLK, SDATA, and LE control the data
transfer. When LE (Latch Enable) goes high, the 22 bits that
have been clocked into the input register on each rising edge of
SCLK will get transferred to the appropriate latch. See Figure 1
for the Timing Diagram and Table I for the Latch Truth Table.
The maximum allowable serial clock rate is 20 MHz. This means that
the maximum update rate possible for the device is 909 kHz or one
update every 1.1
µs. This is certainly more than adequate for systems
that will have typical lock times in hundreds of microseconds.
ADuC812 Interface
Figure 9 shows the interface between the ADF4212L and the
ADuC812 microconverter. Since the ADuC812 is based on an
8051 core, this interface can be used with any 8051-based
microcontroller. The microconverter is set up for SPI Master
Mode with CPHA = 0. To initiate the operation, the I/O port
driving LE is brought low. Each latch of the ADF4212L needs a
24-bit word. This is accomplished by writing three 8-bit bytes
from the microconverter to the device. When the third byte has
been written, the LE input should be brought high to complete
the transfer.
On first applying power to the ADF4212L, four writes (one each to
the R counter latch and the AB counter latch for both IF and
RF side) are required for the output to become active.
When operating in the mode described, the maximum SCLOCK rate
of the ADuC812 is 4 MHz. This means that the maximum rate
at which the output frequency can be changed will be 180 kHz.
ADSP-2181 Interface
Figure 10 shows the interface between the ADF4212L and the
ADSP-21xx Digital Signal Processor. As previously discussed, the
ADF4212L needs a 24-bit serial word for each latch write. The
easiest way to accomplish this using the ADSP-21xx family is to
use the Autobuffered Transmit Mode of operation with Alter-
nate Framing. This provides a means for transmitting an
entire block of serial data before an interrupt is generated. Set
up the word length for eight bits and use three memory loca-
tions for each 24-bit word. To program each 24-bit latch, store
the three 8-bit bytes, enable the Autobuffered Mode, and
then write to the transmit register of the DSP. This last opera-
tion initiates the autobuffer transfer.
ADF4212L
SCLK
SDATA
LE
MUXOUT
(LOCK DETECT)
ADuC812
SCLK
MOSI
I/O PORTS
CE
Figure 9. ADuC812 to ADF4212L Interface
ADF4212L
SCLK
MUXOUT
(LOCK DETECT)
ADSP-21xx
SCLK
I/O FLAGS
SDATA
DT
LE
TFS
CE
Figure 10. ADSP-21xx to ADF4212L Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com