Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 3 Page - Analog Devices

  ADF4212LBRU Datasheet HTML 1Page - Analog Devices ADF4212LBRU Datasheet HTML 2Page - Analog Devices ADF4212LBRU Datasheet HTML 3Page - Analog Devices ADF4212LBRU Datasheet HTML 4Page - Analog Devices ADF4212LBRU Datasheet HTML 5Page - Analog Devices ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
ADF4212L
(VDD1 = VDD2 = 2.7 V to 3.3 V; VP1, VP2 = VDD to 5.5 V ; AGNDRF = DGNDRF = AGNDIF = DGNDIF = 0 V;
TA = TMIN to TMAX, unless otherwise noted; dBm referred to 50
.)
SPECIFICATIONS1
Parameter
B Version
B Chips2
Unit
Test Conditions/Comments
NOISE CHARACTERISTICS
RF Phase Noise Floor
3
–170
–170
dBc/Hz typ
@ 25 kHz PFD Frequency
–162
–162
dBc/Hz typ
@ 200 kHz PFD Frequency
Phase Noise Performance
4
@ VCO Output
IF: 540 MHz Output
5
–89
–89
dBc/Hz typ
@ 1 kHz Offset and 200 kHz PFD Frequency
IF: 900 MHz Output
6
–87
–87
dBc/Hz typ
See Note 9
RF: 900 MHz Output
6
–89
–89
dBc/Hz typ
See Note 9
RF: 1750 MHz Output
7
–84
–84
dBc/Hz typ
See Note 9
RF: 2400 MHz Output
8
–87
–87
dBc/Hz typ
@ 1 kHz Offset and 1 MHz PFD Frequency
Spurious Signals
IF: 540 MHz Output
5
–88/–90
–88/–90
dB typ
@ 200 kHz/400 kHz and 200 kHz PFD Frequency
IF: 900 MHz Output
6
–90/–94
–90/–94
dB typ
See Note 9
RF: 900 MHz Output
6
–90/–94
–90/–94
dB typ
See Note 9
RF: 1750 MHz Output
7
–80/–82
–80/–82
dB typ
See Note 9
RF: 2400 MHz Output
8
–80/–82
–80/–82
dB typ
@ 200 kHz/400 kHz and 200 kHz PFD Frequency
NOTES
1Operating temperature range is as follows: B Version: –40
°C to +85°C
2The B Chip specifications are given as typical values.
3The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider
value). See TPC 14.
4The phase noise is measured with the EVAL-ADF4210/12/13EB Evaluation Board and the HP8562E Spectrum Analyzer. The spectrum analyzer provides
the REFIN for the synthesizer. (fREFOUT = 10 MHz @ 0 dBm)
5f
REFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; f IF = 540 MHz; N = 2700; Loop B/W = 20 kHz
6f
REFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; f RF = 900 MHz; N = 4500; Loop B/W = 20 kHz
7f
REFIN = 10 MHz; fPFD = 200 kHz; Offset Frequency = 1 kHz; f RF = 1750 MHz; N = 8750; Loop B/W = 20 kHz
8f
REFIN = 10 MHz; fPFD = 1 MHz; Offset Frequency = 1 kHz; f RF = 2400 MHz; N = 9800; Loop B/W = 20 kHz
9Same conditions as listed on the preceding line.
Specifications subject to change without notice.
TIMING CHARACTERISTICS
Limit at
TMIN to TMAX
Parameter
(B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK Set-Up Time
t2
10
ns min
DATA to CLOCK Hold Time
t3
25
ns min
CLOCK High Duration
t4
25
ns min
CLOCK Low Duration
t5
10
ns min
CLOCK to LE Set-Up Time
t6
20
ns min
LE Pulsewidth
Guaranteed by design but not production tested.
Specifications subject to change without notice.
CLOCK
DATA
LE
LE
t3
t1
t2
t4
t5
t6
DB20 (MSB)
DB19
DB2
(CONTROL BIT C2)
DB1
DB0 (LSB)
(CONTROL BIT C1)
Figure 1. Timing Diagram
(VDD1 = VDD2 = 2.6 V to 3.3 V; VP1, VP2 = VDD to 5.5 V ; AGNDRF = DGNDRF = AGNDIF = DGNDIF = 0 V;
TA = TMIN to TMAX, unless otherwise noted; dBm referred to 50
.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com