Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 3Page - Analog Devices ADF4212LBRU Datasheet HTML 4Page - Analog Devices ADF4212LBRU Datasheet HTML 5Page - Analog Devices ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices ADF4212LBRU Datasheet HTML 10Page - Analog Devices ADF4212LBRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
ADF4212L
–7–
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–400k
–200k
540M
200k
400k
REFERENCE
LEVEL = –7.0dBm
VDD = 3V,VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1Hz
VIDEO BANDWIDTH = 1Hz
SWEEP = 2.5 SECONDS
AVERAGES = 20
–89.3dBc
FREQUENCY – Hz
TPC 7. Reference Spurs, IF Side (540 MHz, 200 kHz, 20 kHz)
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
100Hz
1MHz
FREQUENCY OFFSET
FROM 540MHz CARRIER
0.83” rms
10dB/DIV
rms NOISE =
0.83 DEGREES
RL = –50dBc/Hz
TPC 8. Integrated Phase Noise (540 MHz, 200 kHz/20 kHz)
PHASE DETECTOR FREQUENCY – kHz
10
10000
1000
100
VDD = 3V
VP = 5V
–130
–140
–150
–160
–170
–180
TPC 9. Phase Noise Referred to CP Output vs.
PFD Frequency, RF Side
PHASE DETECTOR FREQUENCY – kHz
10
10000
1000
100
VDD = 3V
VP = 5V
–130
–140
–150
–160
–170
–180
TPC 10. Phase Noise Referred to CP Output vs.
PFD Frequency, IF Side
VCP – V
0
1
6
4
2
0
–2
–4
2
3
4
5
–6
TPC 11. RF Charge Pump Output Characteristics
VCP – V
0
1
6
4
2
0
–2
–4
VDD = 3V
VP2 = 5.5V
2
3
4
5
–6
TPC 12. IF Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com