Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 1 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 1 Page - Analog Devices

  ADF4212LBRU Datasheet HTML 1Page - Analog Devices ADF4212LBRU Datasheet HTML 2Page - Analog Devices ADF4212LBRU Datasheet HTML 3Page - Analog Devices ADF4212LBRU Datasheet HTML 4Page - Analog Devices ADF4212LBRU Datasheet HTML 5Page - Analog Devices ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADF4212L
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Dual Low Power PLL
Frequency Synthesizer
FUNCTIONAL BLOCK DIAGRAM
12-BIT IF
B-COUNTER
6-BIT IF
A-COUNTER
IF
PRESCALER
OUTPUT
MUX
IF
LOCK
DETECT
CHARGE
PUMP
RF
LOCK
DETECT
CHARGE
PUMP
14-BIT RF
R-COUNTER
14-BIT IF
R-COUNTER
OSCILLATOR
22-BIT
DATA
REGISTER
SDOUT
12-BIT RF
B-COUNTER
6-BIT RF
A-COUNTER
RF
PRESCALER
IF PHASE
FREQUENCY
DETECTOR
DGNDRF
AGNDRF
DGNDIF
AGNDIF
VDD1
VDD2
VP1
VP2
ADF4212L
IFIN
REFIN
CLOCK
DATA
LE
RFIN
CPRF
MUXOUT
CPIF
RSET
REFERENCE
IF CURRENT
SETTING
IFCP3 IFCP2 IFCP1
REFERENCE
RFCP3 RFCP2 RFCP1
REFERENCE
RSET
FLO
FLO SWITCH
RF PHASE
FREQUENCY
DETECTOR
FEATURES
IDD Total, 7.5 mA
Bandwidth RF/IF, 2.4 GHz/1.0 GHz
2.7 V to 3.3 V Power Supply
Separate VP Allows Extended Tuning Voltage
Programmable Dual Modulus Prescaler
RF and IF: 8/9, 16/17, 32/33, 64/65
Programmable Charge Pump Currents
3-Wire Serial Interface
Analog and Digital Lock Detect
Fastlock Mode
Power-Down Mode
20-Lead TSSOP and 20-Lead MLF Chip Scale Package
APPLICATIONS
Wireless Handsets (GSM, PCS, DCS, CDMA, WCDMA)
Base Stations for Wireless Radio (GSM, PCS, DCS,
CDMA, WCDMA)
Wireless LANS
Cable TV Tuners (CATV)
Communications Test Equipment
GENERAL DESCRIPTION
The ADF4212L is a dual frequency synthesizer that can be used
to implement local oscillators (LO) in the up-conversion and
down-conversion sections of wireless receivers and transmitters.
It can provide the LO for both the RF and IF sections. It con-
sists of a low noise digital PFD (Phase Frequency Detector), a
precision charge pump, a programmable reference divider, pro-
grammable A and B counters, and a dual modulus prescaler
(P/P + 1). The A (6-bit) and B (12-bit) counters, in conjunction
with the dual modulus prescaler (P/P + 1), implement an N
divider (N = BP + A). In addition, the 14-bit reference counter
(R Counter), allows selectable REFIN frequencies at the PFD
input. A complete PLL (Phase-Locked Loop) can be imple-
mented if the synthesizer is used with external loop filters and
VCOs (Voltage Controlled Oscillators).
Control of all the on-chip registers is via a simple 3-wire interface
with 1.8 V compatibility. The devices operate with a power
supply ranging from 2.6 V to 3.3 V and can be powered down
when not in use.


Similar Part No. - ADF4212LBRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
Dual Low Power PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4212LBRU

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
Dual PLL frequency synthesizer
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
Low Power PLL Frequency Synthesizer IC
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
Dual Low Power PLL Frequency Synthesizer
Rev. E
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
Dual PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com