Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices ADF4212LBRU Datasheet HTML 10Page - Analog Devices ADF4212LBRU Datasheet HTML 11Page - Analog Devices ADF4212LBRU Datasheet HTML 12Page - Analog Devices ADF4212LBRU Datasheet HTML 13Page - Analog Devices ADF4212LBRU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
ADF4212L
–10–
Prescaler (P/P + 1)
The dual-modulus prescaler (P/P + 1), along with the A and B
counters, enables the large division ratio N, to be realized
(N = PB + A). The dual-modulus prescaler, operating at CML
levels, takes the clock from the RF/IF input stage and divides it
down to a manageable frequency for the CMOS A and B
counters in the RF and IF sections. The prescaler in both
sections is programmable. It can be set in software to 8/9, 16/17,
32/33, or 64/65. See Table IV and Table VI. It is based on a
synchronous 4/5 core.
RF/IF A and B Counters
The A and B CMOS counters combine with the dual modulus
prescaler to allow a wide ranging division ratio in the PLL feed-
back counter. The counters are specified to work when the
prescaler output is 200 MHz or less. Typically, they will work
with 250 MHz output from the prescaler. Thus, with an RF
input frequency of 2.5 GHz, a prescaler value of 16/17 is valid,
but a value of 8/9 is not valid.
Pulse Swallow Function
The A and B counters, in conjunction with the dual modulus
prescaler, make it possible to generate output frequencies that
are spaced only by the Reference Frequency divided by R. The
equation for the VCO frequency is as follows:
fP
B
A
f
R
VCO
REFIN
=×
() +
[]×
/
fVCO = Output frequency of external voltage controlled
oscillator (VCO)
P
=
Preset modulus of dual modulus prescaler (8/9, 16/17, and so on)
B
=
Preset divide ratio of binary 13-bit counter (3 to 8191)
A
=
Preset divide ratio of binary 6-bit swallow counter (0 to 63)
fREFIN =External reference frequency oscillator
R
=Preset divide ratio of binary 14-bit programmable
reference counter (1 to 16383)
TO PFD
N = BP + A
LOAD
LOAD
MODULUS
CONTROL
FROM RF
INPUT STAGE
12-BIT B
COUNTER
6-BIT A
COUNTER
PRESCALER
P/P+1
Figure 4. RF/IF A and B Counters
RF/IF R Counter
The 14-bit RF/IF R counter allows the input reference fre-
quency to be divided down to produce the input clock to the
phase frequency detector (PFD). Division ratios from 1 to
16,383 are allowed.
Phase Frequency Detector (PFD) and Charge Pump
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between them. Figure 5 is a simplified schematic.
The PFD includes a fixed delay element that sets the width
of the antibacklash pulse. This is typically 3 ns. This pulse ensures
that there is no dead zone in the PFD transfer function and gives a
consistent reference spur level.
D1
Q1
CLR1
U1
U3
DELAY
HI
UP
D2
Q2
CLR2
U2
DOWN
+IN
HI
–IN
CHARGE
PUMP
CP
Figure 5. RF/IF PFD Simplified Schematic
MUXOUT and Lock Detect
The output multiplexer on the ADF4212L allows the user to
access various internal points on the chip. The state of MUX-
OUT is controlled by P3, P4, P11, and P12. See Table III and
Table V. Figure 6 shows the MUXOUT section in block dia-
gram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect. Digital Lock Detect is
active high. It is set high when the phase error on three con-
secutive Phase Detector cycles is less than 15 ns. It will stay set
high until a phase error of greater than 25 ns is detected on any
subsequent PD cycle.
The N-channel open-drain Analog Lock Detect should be oper-
ated with an external pull-up resistor of 10 k
Ω nominal. When
lock has been detected, it is high with narrow low going pulses.
IF ANALOG LOCK DETECT
IF R COUNTER OUTPUT
IF N COUNTER OUTPUT
IF/RF ANALOG LOCK DETECT
RF R COUNTER OUTPUT
RF N COUNTER OUTPUT
RF ANALOG LOCK DETECT
MUX
CONTROL
MUXOUT
DVDD
DGND
Figure 6. MUXOUT Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com