Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4212LBRU Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4212LBRU
Description  Dual Low Power PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBRU Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4212LBRU Datasheet HTML 4Page - Analog Devices ADF4212LBRU Datasheet HTML 5Page - Analog Devices ADF4212LBRU Datasheet HTML 6Page - Analog Devices ADF4212LBRU Datasheet HTML 7Page - Analog Devices ADF4212LBRU Datasheet HTML 8Page - Analog Devices ADF4212LBRU Datasheet HTML 9Page - Analog Devices ADF4212LBRU Datasheet HTML 10Page - Analog Devices ADF4212LBRU Datasheet HTML 11Page - Analog Devices ADF4212LBRU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
ADF4212L
–8–
0
–20
–40
–60
–80
–100
01
3
5
TUNING VOLTAGE – V
2
4
TPC 13. RF Reference Spurs (200 kHz) vs. VTUNE
(1750 MHz, 200 kHz, 20 kHz)
0
–20
–120
–40
–60
–80
–100
01
2
3
4
TUNING VOLTAGE – V
5
TPC 14. IF Reference Spurs (200 kHz) vs. VTUNE
(1750 MHz, 200 kHz, 20 kHz)
0
–10
–70
–20
–40
–50
–60
–40
–20
0
20
40
TEMPERATURE – C
60
–80
–90
–100
–30
80
100
TPC 15. RF Phase Noise vs. Temperature
(1750 MHz, 200 kHz, 20 kHz)
0
–10
–70
–20
–40
–50
–60
–40
–20
0
20
40
TEMPERATURE – C
60
–80
–90
–100
–30
80
100
TPC 16. IF Phase Noise vs. Temperature
(540 MHz, 200 kHz, 20 kHz)
0
–10
–70
–20
–40
–50
–60
01
2
3
4
TUNING VOLTAGE – V
5
–80
–90
–100
–30
TPC 17. RF Noise vs. VTUNE
0
–10
–70
–20
–40
–50
–60
01
2
3
4
TUNING VOLTAGE – V
5
–80
–90
–100
–30
TPC 18. IF Noise vs. VTUNE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com