Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 58 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 58 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 54Page - Maxim Integrated Products MAX17823H Datasheet HTML 55Page - Maxim Integrated Products MAX17823H Datasheet HTML 56Page - Maxim Integrated Products MAX17823H Datasheet HTML 57Page - Maxim Integrated Products MAX17823H Datasheet HTML 58Page - Maxim Integrated Products MAX17823H Datasheet HTML 59Page - Maxim Integrated Products MAX17823H Datasheet HTML 60Page - Maxim Integrated Products MAX17823H Datasheet HTML 61Page - Maxim Integrated Products MAX17823H Datasheet HTML 62Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 129 page
background image
Diagnostics
Built-in diagnostics support ISO 26262 (ASIL) require-
ments by detecting specific fault conditions, as shown in
Table 30. The device automatically performs some of the
diagnostics while the host performs others during initial-
ization (e.g., at key-on), or periodically during operation,
as required by the application. Diagnostics performed
automatically by the device are previously described in
the relevant functional sections. A description of the diag-
nostics requiring specific configurations are provided in
this section.
Table 30. Summary of Built-In Diagnostics
Table 29. READDEVICE Sequencing
*If alive-counter mode is enabled.
DIAGNOSTICS PERFORMED AUTOMATICALLY BY DEVICE WITH NO HOST INTERVENTION
FAULT
DIAGNOSTIC PROCEDURE
OUTPUT
VAA undervoltage
Continuous voltage comparison
ALRTRST
VHV undervoltage
Continuous voltage comparison
ALRTHVUV
VHV overvoltage
Continuous voltage comparison
ALRTHVOV
VHV low headroom
Voltage comparison (updated during measurement)
ALRTHVHDRM
32kHz oscillator fault
Continuous frequency comparison
ALRTOSC1, ALRTOSC2
16MHz oscillator fault
Communication error checking
ALRTMAN, ALRTPAR
Communication fault
Communication error checking
ALRTPEC, ALRTMAN, ALRTPAR
RX pin open/short
Verify RX mode after POR
ALRTCOMMSEUn/ALRTCOMMSELn
VDDLn pin open/short
Continuous voltage comparison
ALRTVDDLx
GNDLn pin open/short
Continuous voltage comparison
ALRTGNDLx
Die overtemperature
Temperature comparison (updated after measurement)
ALRTTEMP
HOST TX
DEVICE RXL
DEVICE TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
{DA[4:0], 0b101}
{DA[4:0], 0b101}
{DA[4:0], 0b101}
{DA[4:0], 0b101}
[REG ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[DC]
[DC]
[DATA LSB]
[DATA LSB]
[PEC]
[PEC]
[DATA MSB]
[DATA MSB]
[ALIVE]*
[ALIVE]*
[DC]
[DC]
[FD(1) C2h]
[FD(1) C2h]
[PEC]
[PEC]
[FD(1) D3h]
[FD(1) D3h]
[ALIVE]*
[ALIVE]*
Stop
Stop
Stop
Stop
16 characters
16 characters
16 characters
16 characters
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com