Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 45Page - Maxim Integrated Products MAX17823H Datasheet HTML 46Page - Maxim Integrated Products MAX17823H Datasheet HTML 47Page - Maxim Integrated Products MAX17823H Datasheet HTML 48Page - Maxim Integrated Products MAX17823H Datasheet HTML 49Page - Maxim Integrated Products MAX17823H Datasheet HTML 50Page - Maxim Integrated Products MAX17823H Datasheet HTML 51Page - Maxim Integrated Products MAX17823H Datasheet HTML 52Page - Maxim Integrated Products MAX17823H Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
UART RX Modes
During the first preamble received after a reset, the
receiver automatically detects if the received signal is
single-ended and if so, places the receiver in single-ended
mode; therefore, the device must be reset for any change
in the RX-mode hardware configuration to be detected.
The receiver mode is indicated by the ALRTCOMMSEL
bit (for lower port) and ALRTCOMMSEU bit (for upper
port) of the FMEA1 register, as shown in Table 19. If the
RXP input is open circuit, the RX-mode detection places
the UART in single-ended mode so the port can still oper-
ate, albeit with reduced noise immunity. The host can
diagnose this condition by checking ALRTCOMMSEL and
ALRTCOMMSEU after any POR event. Any other faults
result in communication errors.
UART Loopback
For the last device in the stack, the data must be looped
back from the upper transmitter to the upper receiver. This
is known as loopback and can be configured externally
(default) or internally.
External Loopback Mode
External loopback mode (default) uses a two-wire cable to
connect the upper transmitter (TXU) to the upper receiver
(RXU). The external loopback has two advantages:
1) It is quicker to determine device count for applications
where the host does not assume what the device
count is.
2) It helps to match the supply current of the last device
to that of the other daisy-chained devices (because
the hardware configuration is identical).
Internal Loopback Mode
Internal loopback mode (LASTLOOP = 1) routes the upper-
port transmit data internally to the upper-port receiver.
Any signal present on the upper-port receiver input pins
is ignored in the internal loopback mode; therefore, when
LASTLOOP is set, the write command that was forwarded
to any upstack devices is interrupted in the downstack
direction. The host should expect this and read the
LASTLOOP bit to verify that the write was successful. If
the MAX17841B interface is used, its receive buffer should
be cleared before changing LASTLOOP, and cleared again
after changing the loopback configuration because the
communication was interrupted.
Internal loopback mode is useful to diagnose the loca-
tion of a daisy-chain signal break by enabling the internal
loopback mode on the first device, checking communica-
tion, then moving the loopback mode to the next device,
and continuing up the stack until communication is lost.
Baud-Rate Detection
The UART can operate at a baud rate of 2Mb/s (default),
1Mb/s, or 0.5Mb/s. The baud rate is controlled by the host
and is automatically detected by the device when the first
preamble character is received after reset. If the host
changes the baud rate after reset, it must issue another
reset (which can be done by setting the SPOR bit) and
resend a minimum of 2 x n preambles (where n is the
number of devices). The 2 x n preambles are necessary
since the transmitter for the upper port will not transmit
data until the lower-port receiver has detected the baud
rate and likewise, the transmitter on the lower port will not
transmit data until the upper-port receiver has detected
the baud rate. A simple way to do this is for the host to
start transmitting preambles and stop when a preamble
has been received back at the host RX port.
Table 19. UART RX Modes
RXP
RXN
ALRTCOMMSEn
RX MODE
Connected to data
Connected to inverse data
0
Differential mode (normal)
Grounded
Connected to inverse data
1
Single-ended mode (normal)
Open circuit (fault)
Connected to inverse data
1
Single-ended mode (low noise immunity)
Connected to data
Open circuit (fault)
0
Differential mode (communication errors)
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com