Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 28Page - Maxim Integrated Products MAX17823H Datasheet HTML 29Page - Maxim Integrated Products MAX17823H Datasheet HTML 30Page - Maxim Integrated Products MAX17823H Datasheet HTML 31Page - Maxim Integrated Products MAX17823H Datasheet HTML 32Page - Maxim Integrated Products MAX17823H Datasheet HTML 33Page - Maxim Integrated Products MAX17823H Datasheet HTML 34Page - Maxim Integrated Products MAX17823H Datasheet HTML 35Page - Maxim Integrated Products MAX17823H Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
Table 7. Oversampling
Figure 8. Acquisition Mode Flowchart
STANDBY MODE
SCAN BIT SET?
NO
ENABLE HV
CHARGE PUMP
FOR 100.3µs
PERFORM MEASUREMENT
SCANS FOR VBLKP, CELLn,
DIAG PER MEASUREEN
DBLBUF SET?
YES
CLEAR ALL ALU REGISTERS
MOVE ALU DATA TO DATA
REGISTERS;
SET DATARDY = 1
YES
NO
ALL SAMPLES DONE?
NO
YES
COMPARE MEASUREMENTS
TO THRESHOLDS AND
UPDATE ALERTS
DISABLE DATAMOVE
DBLBUF SET?
YES
NO
MOVE ALU DATA TO DATA
REGISTERS; SET DATARDY = 1
SET SCANDONE, UNBLOCK
DATAMOVE
STANDBY MODE
ENABLE HV CHARGE PUMP
SET ADC STATE-MACHINE
TIMEOUT PERIOD
LATCH-ACQUISITION
CONFIGURATION; DISABLE
HV CHARGE PUMP
CONVERT AUXINn INPUTS
IF ENABLED; USE AINCFG
SETTLING TIME
COMPARE AUXINn
MEASUREMENT TO
THRESHOLDS, UPDATE ALERTS
OVSAMPL[2:0]
OVERSAMPLES
THEORETICAL RESOLUTION
ACQUISITION WATCHDOG TIMEOUT
000b (default)
0
12 bits
1.10ms
001b
4
13 bits
2.08ms
010b
8
13 bits
3.36ms
011b
16
14 bits
5.92ms
100b
32
14 bits
10.99ms
101b
64
14 bits
21.18ms
110b
128
14 bits
41.56ms
111b
128
14 bits
41.56ms
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com