Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 9Page - Maxim Integrated Products MAX17823H Datasheet HTML 10Page - Maxim Integrated Products MAX17823H Datasheet HTML 11Page - Maxim Integrated Products MAX17823H Datasheet HTML 12Page - Maxim Integrated Products MAX17823H Datasheet HTML 13Page - Maxim Integrated Products MAX17823H Datasheet HTML 14Page - Maxim Integrated Products MAX17823H Datasheet HTML 15Page - Maxim Integrated Products MAX17823H Datasheet HTML 16Page - Maxim Integrated Products MAX17823H Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX = +105°C. Typical values are at
TA = +25°C. Operation is with the recommended application circuit.) (Note 5)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Incremental HV Current,
Cell-Balancing Mode
IHVBAL
VHV = VDCIN + 5.5V, n balancing
switches enabled
(n+1)
x 5
(n+1)
x 15.5
(n+1)
x 26
µA
CELL VOLTAGE INPUTS (Cn, VBLKP)
Differential Input Range
(Note 11)
VCELLn
Unipolar mode
0.2
4.8
V
Bipolar mode
-2.3
+2.3
V
Common-Mode Input Range
VCnCM
Not connected to SWn inputs
0
65
V
Input Leakage Current
ILKG_Cn
Not in acquisition mode,
VCn = 65V
-200
±10
+200
nA
VBLKP Input Resistance
RVBLKP
VBLKP = VDCIN = 57.6V
4.5
10
20
MΩ
HVMUX Switch Resistance
RHVMUX
CTSTDAC[3:0] = Fh
1.7
3.3
5
kΩ
CELL-BALANCING INPUTS (SWn)
Leakage Current
ILKG_SW
VSW0 = 0V, VSWn = 5V,
VSWn-1 = 0V
-1
+1
µA
Resistance, SWn to SWn-1
RSW
BALSWEN[n-1] = 1, ISWn = 100mA
0.2
0.35
0.6
Ω
Maximum Allowed Balancing
Current (Note 15)
IBAL_MAX
TJ = 105°C, 25% average duty
cycle per switch
650
mA
AUXILIARY INPUTS (AUXIN1, AUXIN2)
Input Voltage Range
VAUXIN
0
VTHRM
V
Input Leakage Current
ILKG_AUX
Not in acquisition mode,
VAUXINn = 1.65V
-400
10
+400
nA
THRM OUTPUT
Switch Resistance,
VAA to THRM
RTHRM
25
70
Ω
Leakage Current
ILKG_THRM
VTHRM = 3.3V
-1
1
µA
MEASUREMENT ACCURACY
Total Measurement Error,
HVMUX Inputs
(Note 12)
VCELLnERR
Unipolar mode, VCELLn = 3.6V
±2
mV
Bipolar mode, VCELLn = 1.1V
Unipolar mode
0.2V ≤ VCELLn ≤ 4.3V,
0°C ≤ TA ≤ 45°C
-5
±3.6
+5
Unipolar mode,
0.2V ≤ VCELLn ≤ 4.8V
-10
+10
Bipolar mode,
-2.3V ≤ VCELLn ≤ 2.3V,
SWn inputs not connected
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com