Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 35Page - Maxim Integrated Products MAX17823H Datasheet HTML 36Page - Maxim Integrated Products MAX17823H Datasheet HTML 37Page - Maxim Integrated Products MAX17823H Datasheet HTML 38Page - Maxim Integrated Products MAX17823H Datasheet HTML 39Page - Maxim Integrated Products MAX17823H Datasheet HTML 40Page - Maxim Integrated Products MAX17823H Datasheet HTML 41Page - Maxim Integrated Products MAX17823H Datasheet HTML 42Page - Maxim Integrated Products MAX17823H Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
Maximum Cell-Balancing Current
The maximum balancing current is limited by package
power dissipation, average die temperature, average duty
cycle of the switch, and the number of switches conduct-
ing current at any one time.
The power dissipation must not exceed the absolute
maximum rating of the package, nor should the die tem-
perature go outside the range specified for the desired
level of measurement accuracy. Higher die temperatures
and higher average duty cycles increase the probability
of internal electromigration, so the maximum balancing
current is lowered accordingly for an assumed 10-year
device lifetime, as shown in Table 11.
Cell-Balancing Watchdog
Even if the host fails to disable the cell-balancing mode, the
cell-balancing watchdog can automatically disable the cell-
balancing switches, regardless of the BALSWEN configu-
ration. The cell-balancing watchdog does not modify the
contents of the BALSWEN register. Use the WATCHDOG
register to configure the timeout value from 1s to 3840s
(64min), as shown in Table 12. The pre-divider configura-
tion, CBPDIV[2:0], effectively sets the rate at which the
CBTIMER[3:0] counts down (see Figure 16).
The host should periodically update CBTIMER to ensure
that it does not count down to zero. If the countdown timer
is allowed to reach zero, the cell-balancing switches are
disabled until the timer is either disabled or refreshed by
writing a non-zero value.
To allow timed balancing with no host interaction, the
GPIO3 pin is configured to output a logic-high level while
the timer is counting using the GPIO3TMR configuration
bit of the GPIO register. An external diode is connected
from GPIO3 to SHDNL to prevent shutdown while the
timer is counting. Once the timer expires, the device shuts
down. The host may intervene prior to the timer expiring
to keep the device active and to reconfigure the device.
Table 11. Maximum Allowed Balancing Current per Switch
Table 12. Cell-Balancing Watchdog Configuration
Figure 16. Cell-Balancing Watchdog
CBPDIV
32.768kHz
CBTIMER
TIMER ZERO
FLAG
BIT 0
BIT 1
BIT 2
BIT 3
CBPDIV1 CBPDIV0
BALSWEN
CELL BALANCING
SWITCH ENABLE
CBTIMER ENABLE
CBPDIV2
AVERAGE LIFETIME DUTY CYCLE
(10 YEARS)
TDIE = 85°C
TDIE = 105°C
TDIE = 125°C
15%
650mA
650mA
650mA
20%
650mA
650mA
650mA
25%
650mA
650mA
650mA
CBPDIV[2:0]
TIMER LSB PERIOD
RANGE OF CBTIMER[3:0]
MINIMUM
MAXIMUM
000b
Timer Disabled
Timer Disabled
001b
1s
1s
15s
010b
4s
4s
60s
011b
16s
16s
240s
100b
64s
64s
960s
101b
128s
128s
1920s
110b
256s
256s
3840s
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com