Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 17Page - Maxim Integrated Products MAX17823H Datasheet HTML 18Page - Maxim Integrated Products MAX17823H Datasheet HTML 19Page - Maxim Integrated Products MAX17823H Datasheet HTML 20Page - Maxim Integrated Products MAX17823H Datasheet HTML 21Page - Maxim Integrated Products MAX17823H Datasheet HTML 22Page - Maxim Integrated Products MAX17823H Datasheet HTML 23Page - Maxim Integrated Products MAX17823H Datasheet HTML 24Page - Maxim Integrated Products MAX17823H Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
DESCRIPTION
25
RXLN
Input
Negative Input for Lower-Port Receiver. Tolerates ±30V.
26
N.C.
N.C.
Not Connected. Connect to ground or leave unconnected.
27
N.C.
N.C.
Not Connected. Connect to ground or leave unconnected.
28
CTG
Input
Reserved for Factory Use. Connect to ground.
29
AUXIN2
Input
Auxiliary Voltage Input 2 to Measure External Temperature. Connect to a voltage-divider
consisting of a 10kΩ pullup to THRM and 10kΩ NTC thermistor to ground. If not used,
connect to the pullup only.
30
AUXIN1
Input
Auxiliary Voltage Input 1 to Measure External Temperature. Connect to a voltage-divider
consisting of a 10kΩ pullup to THRM and a 10kΩ NTC thermistor to ground. If not used,
connect to the pullup only.
31
AGND
Ground
Analog Ground. Connect to negative terminal of cell 1 and ground plane.
32
THRM
Power
3.3V Switched Output Used to Supply the Voltage-Dividers for the Auxiliary Inputs.
The output is enabled only during measurements, or as configured by THRMMODE[1:0].
This output can source up to 2mA.
33
SW0
Input
Balance Input for Cell 1 Negative
34
C0
Input
Voltage Input for Cell 1 Negative. Connect to AGND.
35
SW1
Input
Balance Input for Cell 1 Positive (Cell 2 Negative)
36
C1
Input
Voltage Input for Cell 1 Positive (Cell 2 Negative)
37
SW2
Input
Balance Input for Cell 2 Positive (Cell 3 Negative)
38
C2
Input
Voltage Input for Cell 2 Positive (Cell 3 Negative)
39
SW3
Input
Balance Input for Cell 3 Positive (Cell 4 Negative)
40
C3
Input
Voltage Input for Cell 3 Positive (Cell 4 Negative)
41
SW4
Input
Balance Input for Cell 4 Positive (Cell 5 Negative)
42
C4
Input
Voltage Input for Cell 4 Positive (Cell 5 Negative)
43
SW5
Input
Balance Input for Cell 5 Positive (Cell 6 Negative)
44
C5
Input
Voltage Input for Cell 5 Positive (Cell 6 Negative)
45
SW6
Input
Balance Input for Cell 6 Positive (Cell 7 Negative)
46
C6
Input
Voltage Input for Cell 6 Positive (Cell 7 Negative)
47
SW7
Input
Balance Input for Cell 7 Positive (Cell 8 Negative)
48
C7
Input
Voltage Input for Cell 7 Positive (Cell 8 Negative)
49
SW8
Input
Balance Input for Cell 8 Positive (Cell 9 Negative)
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com