Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17823H Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX17823H
Description  12-Channel, High-Voltage Data-Acquisition Systems
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17823H Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX17823H Datasheet HTML 36Page - Maxim Integrated Products MAX17823H Datasheet HTML 37Page - Maxim Integrated Products MAX17823H Datasheet HTML 38Page - Maxim Integrated Products MAX17823H Datasheet HTML 39Page - Maxim Integrated Products MAX17823H Datasheet HTML 40Page - Maxim Integrated Products MAX17823H Datasheet HTML 41Page - Maxim Integrated Products MAX17823H Datasheet HTML 42Page - Maxim Integrated Products MAX17823H Datasheet HTML 43Page - Maxim Integrated Products MAX17823H Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 129 page
background image
Emergency-Discharge Mode
The emergency-discharge mode performs cell balanc-
ing in a controlled manner so that the cells can be dis-
charged to a safe level in the event of an emergency. The
BALSWDCHG and DEVCFG2 registers provide control for
this mode. A timeout value for the mode is configured by
DISCHGTIME[7:0] as shown in Table 13.
The emergency-discharge mode is activated by setting
the EMGCYDCHG bit with DCHGTIME[7:0] ≠ 00h. In
emergency-discharge mode the following occurs:
1) The CBTIMER[3:0] is cleared to prevent the cell-
balancing watchdog from disabling the cell-balancing.
2) Cell-balancing switches are controlled by BALSWD-
CHG, not BALSWEN.
3) The discharge timer starts to countdown.
4) The read-only counter DCHGCNTR[3:0] increments
at a 2Hz rate with periodic roll-over at Fh. The host
can read this counter periodically to confirm that the
mode is active.
5) The GPIO3 pin is driven high while the countdown is
active.
The emergency-discharge mode alternates between a
1-minute discharge cycle for odd cells and a 1-minute
discharge cycle for even cells. There is a 62.5ms minimum
off time at the end of each discharge cycle to ensure no
overlap between even and odd discharge cycles. The
duty cycle of each discharge cycle can be configured by
DCHGWIN[2:0], as shown in Table 13.
By clearing EMGCYDCHG, the emergency-discharge
mode terminates and the following occurs:
1) The discharge timer is reset.
2) Control of the cell-balancing switches reverts to the
BALSWEN register.
3) Control of GPIO3 reverts to the GPIO register.
The emergency-discharge mode also terminates if
DCHGTIME[7:0] = 0h, or the discharge time has reached
the configured timeout.
To prevent the emergency-discharge mode from terminat-
ing prematurely due to a device shutdown (which could
occur due to an extended lapse in host communications),
connect an external diode from GPIO3 to SHDNL to keep
SHDNL high while the timer is counting.
Table 13. Emergency-Discharge Mode
FUNCTION
REGISTER FIELD
CONFIGURATION
BEHAVIOR
Duty cycle
DCHGWIN[2:0]
7.5s/bit
0h
Switches on for 7.5s, off for 52.5s
1h
Switches on for 15s, off for 45s
…
…
7h
Switches on for 59.94s, off for 62.5ms
Timeout
DCHGTIME[7:0]
2 hours/bit
00h
Discharge mode disabled
01h
Discharge mode disabled after 4 hours
02h
Discharge mode disabled after 6 hours
…
…
FFh
Discharge mode disabled after 512 hours
MAX17823H
12-Channel, High-Voltage
Data-Acquisition Systems
www.maximintegrated.com
Maxim Integrated │ 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com