Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9727 Datasheet HTML 2Page - Maxim Integrated Products MAX9727 Datasheet HTML 3Page - Maxim Integrated Products MAX9727 Datasheet HTML 4Page - Maxim Integrated Products MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products MAX9727 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = PVDD = 3.3V, VCM = 0V, RIN = RF = 5kΩ, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise
noted.)
ENTERING SHUTDOWN
VSHDN
2V/div
VIN_
5V/div
VOUT_
5V/div
20
µs/div
EXITING SHUTDOWN
VSHDN
2V/div
VIN_
5V/div
VOUT_
5V/div
40
µs/div
OUTPUT AT 2VRMS AT 1kHz
(VDD = 5V, RL = 1k
Ω)
OUTA
5V/div
OUTB
5V/div
OUTC
5V/div
OUTD
5V/div
400
µs/div
STEP RESPONSE
1
µs/div
VIN_
50mV/div
VOUT_
50mV/div
RL = 1k
Ω
CL = 220pF
STEP RESPONSE
1
µs/div
VIN_
50mV/div
VOUT_
50mV/div
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
25
0
-25
10.5
11.0
11.5
12.0
12.5
13.0
10.0
-50
100
VDD = 3.3V
VDD = 5V
VDD = 2.7V
NO LOAD
INPUTS GROUNDED
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
75
50
25
0
-25
0
1
2
3
4
5
-1
-50
100
VDD = 3.3V
VDD = 5V
VDD = 2.7V
NO LOAD
INPUTS GROUNDED
OUTPUT SPECTRUM
vs. FREQUENCY
FREQUENCY (kHz)
15
10
5
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-150
020
VDD = 5V
VOUT = -60dBV
fIN = 1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com