Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products MAX9727 Datasheet HTML 10Page - Maxim Integrated Products MAX9727 Datasheet HTML 11Page - Maxim Integrated Products MAX9727 Datasheet HTML 12Page - Maxim Integrated Products MAX9727 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
12
______________________________________________________________________________________
Functional Diagram/Typical Operating Circuit
IND-
IND+
INC-
INC+
INB-
INB+
INA-
INA+
SHDN
PVDD
C1P
C1N
PGND
4
VDD
MAX9727
15k
Ω
7.5k
Ω
7.5k
Ω
1k
Ω
1k
Ω
1.2nF
1.2nF
220pF
15k
Ω
1.2nF
1.2nF
220pF
15k
Ω
220pF
LINE-IN DEVICE
OUTPUT
DAC
2.7V TO 5.5V
1
µF
7.5k
Ω
7.5k
Ω
1
µF
OUTD
19
18
15
16
6
5
2
3
8
9
10
12
11
13
17
20
14
7
1
OUTC
OUTB
OUTA
VDD
VSS
PVSS
CHARGE
PUMP
C1
1
µF
C2
1
µF
7.5k
Ω
7.5k
Ω
1k
Ω
1k
Ω
1
µF
15k
Ω
220pF
7.5k
Ω
7.5k
Ω
1
µF
1
µF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com