Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9727 Datasheet HTML 3Page - Maxim Integrated Products MAX9727 Datasheet HTML 4Page - Maxim Integrated Products MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products MAX9727 Datasheet HTML 10Page - Maxim Integrated Products MAX9727 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = PVDD = 3.3V, VCM = 0V, RIN = RF = 5kΩ, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise
noted.)
Pin Description
PIN
NAME
FUNCTION
1
OUTA
Output A
2
INA-
Inverting Input A
3
INA+
Noninverting Input A
4VDD
Analog Positive Supply. Bypass with a 0.1µF capacitor to PGND.
5
INB+
Noninverting Input B
6
INB-
Inverting Input B
7
OUTB
Output B
8
SHDN
Active-Low Shutdown Input. Connect
SHDN to VDD for normal operation.
9PVDD
Charge-Pump Positive Supply. Bypass with a 1µF capacitor to PGND.
10
C1P
Charge-Pump Flying Capacitor Positive Terminal. Connect a 1µF capacitor between C1P and C1N.
11
PGND
Power Ground
12
C1N
Charge-Pump Flying Capacitor Negative Terminal. Connect a 1µF capacitor between C1P and C1N.
13
PVSS
Charge-Pump Negative Supply. Bypass with a 1µF capacitor to PGND.
14
OUTC
Output C
15
INC-
Inverting Input C
16
INC+
Noninverting Input C
17
VSS
Amplifier Negative Rail. Connect to PVSS.
18
IND+
Noninverting Input D
19
IND-
Inverting Input D
20
OUTD
Output D
OUTPUT NOISE SPECTRUM
vs. FREQUENCY
FREQUENCY (kHz)
15
10
5
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-150
020
VDD = 5V
VIN = 0V
OUTPUT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (kHz)
5
10
15
20
25
0
15
10
5
020
VDD = 3.3V
RL = 1k
Ω
OUTPUT BACKDRIVEN DURING SHUTDOWN
1ms/div
SIGNAL
SOURCE
2V/div
OUT_
2V/div
VSS
100mV/div
SHDN = 0V
EXTERNAL SIGNAL SOURCE
CONNECTED TO OUTPUT
RSOURCE = 100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com