Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9727 Datasheet HTML 4Page - Maxim Integrated Products MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products MAX9727 Datasheet HTML 10Page - Maxim Integrated Products MAX9727 Datasheet HTML 11Page - Maxim Integrated Products MAX9727 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
8
_______________________________________________________________________________________
Detailed Description
The MAX9727 is a quad audio line driver with an output
of 3VRMS from a single +5V supply and 2VRMS from a
single +3.3V supply. The device employs Maxim’s
DirectDrive architecture that produces a ground-refer-
enced output from a single supply, eliminating the
need for large DC-blocking capacitors. An internal
charge pump creates an internal negative supply volt-
age. This allows the amplifier outputs of the MAX9727
to be biased at GND, almost doubling dynamic range
while operating from a single supply.
An active-low shutdown input disables the amplifiers
and reduces quiescent current consumption to less
than 100nA.
The MAX9727 also features click-and-pop suppression
circuitry that reduces audible clicks and pops during
startup and shutdown.
DirectDrive
Maxim’s DirectDrive architecture uses a charge pump
to create an internal negative supply voltage, allowing
the MAX9727 outputs to be biased about ground. This
allows for a symmetrical output biased around 0V. The
MAX9727’s charge pump requires two small ceramic
capacitors, conserving board space, reducing cost,
and improving the frequency response of the ampli-
fiers. See the Charge-Pump Output Voltage vs. Output
Current graphs in the
Typical Operating Characteristics
for details of the possible capacitor sizes. There is a
low DC voltage on the amplifier outputs due to amplifier
offset. However, the offsets of the MAX9727 are typical-
ly 500µV, which, when combined with a 1kΩ load,
results in less than 500nA of DC current flow to the line-
in device.
Charge Pump
The MAX9727 features a low-noise charge pump. The
300kHz switching frequency is well beyond the audio
range and does not interfere with audio signals. The
switch drivers feature a controlled switching speed that
minimizes noise generated by turn-on and turn-off tran-
sients. The di/dt noise caused by the parasitic bond
wire and trace inductance is minimized by limiting the
switching speed of the charge pump. Although not typ-
ically required, additional high-frequency noise attenu-
ation can be achieved by increasing the value of C2
(see the
Functional Diagram/Typical Operating Circuit).
CONVENTIONAL DRIVER BIASING SCHEME
DirectDrive BIASING SCHEME
GND
VOUT
VOUT
VDD
VDD
2VDD
VDD
VDD
VDD/2
GND
Figure 1. Conventional Driver Output Waveform vs. MAX9727
Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com