Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9727 Datasheet HTML 1Page - Maxim Integrated Products MAX9727 Datasheet HTML 2Page - Maxim Integrated Products MAX9727 Datasheet HTML 3Page - Maxim Integrated Products MAX9727 Datasheet HTML 4Page - Maxim Integrated Products MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Quad Audio Line Driver with 3VRMS Output
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = PVDD = 3.3V, VCM = 0V, RIN = RF = 5kΩ, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise
noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (VRMS)
3
2
1
0.001
0.01
0.1
1
10
100
0.0001
04
VDD = 5V
RL = 1k
Ω
f = 100Hz
f = 1kHz
f = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (VRMS)
3
2
1
0.001
0.01
0.1
1
10
100
0.0001
04
VDD = 5V
fIN = 1kHz
RL = 1k
Ω
RL = 5k
Ω
RL = 10k
Ω
3
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (VRMS)
0.001
0.01
0.1
1
10
100
0.0001
0
VDD = 3.3V
RL = 1k
Ω
f = 100Hz
f = 1kHz
f = 10kHz
2
1
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (VRMS)
0.001
0.01
0.1
1
10
100
0.0001
VDD = 3.3V
fIN = 1kHz
RL = 1k
Ω
RL = 5k
Ω
RL = 10k
Ω
2
1
03
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
0.0001
10
100k
VDD = 5V
RL = 1k
Ω
VOUT = 2.5VRMS
VOUT = 1VRMS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
0.0001
10
100k
VDD = 5V
RL = 10k
Ω
VOUT = 1VRMS
VOUT = 2.5VRMS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
0.0001
10
100k
VDD = 3.3V
RL = 1k
Ω
VOUT = 2VRMS
VOUT = 1VRMS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.001
0.01
0.1
0.0001
10
100k
VDD = 3.3V
RL = 10k
Ω
VOUT = 1VRMS
VOUT = 2VRMS
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
2
0
-2
0.001
0.01
0.1
0.0001
-4
4
VDD = 5V
RL = 1k
Ω
DIFFERENTIAL
CONFIGURATION
f = 10kHz
f = 1kHz
f = 100Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com