Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9727 Datasheet HTML 1Page - Maxim Integrated Products MAX9727 Datasheet HTML 2Page - Maxim Integrated Products MAX9727 Datasheet HTML 3Page - Maxim Integrated Products MAX9727 Datasheet HTML 4Page - Maxim Integrated Products MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-130
-120
-110
-100
-90
-80
-140
10
100k
VDD = 3.3V
VOUT = 2VRMS
RL = 1k
Ω
Ch. D to Ch. A
Ch. D to Ch. B
Ch. D to Ch. C
Quad Audio Line Driver with 3VRMS Output
_______________________________________________________________________________________
5
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
2.5
5.5
fIN = 1kHz
RL = 1k
Ω
THD+N = 10%
THD+N = 1%
OUTPUT VOLTAGE
vs. LOAD RESISTANCE
LOAD RESISTANCE (k
Ω)
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
010
VDD = 5V
THD+N = 10%
THD+N = 1%
OUTPUT VOLTAGE
vs. LOAD RESISTANCE
LOAD RESISTANCE (k
Ω)
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
0
010
VDD = 3.3V
THD+N = 10%
THD+N = 1%
CHARGE-PUMP OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
100
80
60
40
20
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
-3.5
0
120
VDD = 3.3V
OUTPUTS UNLOADED,
CHARGE-PUMP LOAD
CONNECTED BETWEEN
PVSS AND PGND
C1 = C2 = C3 = 1
µF
C1 = C2 = C3 = 0.22
µF
C1 = C2 = C3 = 0.1
µF
CHARGE-PUMP OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
150
100
50
-5
-4
-3
-2
-1
0
1
2
3
-6
0200
VDD = 5V
OUTPUTS UNLOADED,
CHARGE-PUMP LOAD
CONNECTED BETWEEN
PVSS AND PGND
C1 = C2 = C3 = 1
µF
C1 = C2 = C3 = 0.22
µF
C1 = C2 = C3 = 0.1
µF
GAIN AND PHASE
vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
1
-120
-60
0
60
-180
0.1
10,000
GAIN
PHASE
AV = 60dB
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
-70
-60
-50
-40
-20
-30
-10
0
-80
RL = 1k
Ω
VDD = 5V + 100mVP-P
VDD = 3.3V + 100mVP-P
10k
1k
100
10
100k
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-130
-120
-110
-100
-90
-80
-140
10
100k
VDD = 5V
VOUT = 3VRMS
RL = 1k
Ω
Ch. D to Ch. A
Ch. D to Ch. B
Ch. D to Ch. C
Typical Operating Characteristics (continued)
(VDD = PVDD = 3.3V, VCM = 0V, RIN = RF = 5kΩ, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise
noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com