Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9727 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX9727
Description  Quad Audio Line Driver with 3VRMS Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9727 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX9727 Datasheet HTML 5Page - Maxim Integrated Products MAX9727 Datasheet HTML 6Page - Maxim Integrated Products MAX9727 Datasheet HTML 7Page - Maxim Integrated Products MAX9727 Datasheet HTML 8Page - Maxim Integrated Products MAX9727 Datasheet HTML 9Page - Maxim Integrated Products MAX9727 Datasheet HTML 10Page - Maxim Integrated Products MAX9727 Datasheet HTML 11Page - Maxim Integrated Products MAX9727 Datasheet HTML 12Page - Maxim Integrated Products MAX9727 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Inverting Amplifier Configuration
Figure 3 shows a single channel of the MAX9727 con-
figured as an inverting amplifier. External resistors RF
and RIN set the voltage gain of the amplifier as follows:
where AV is the desired voltage gain in V/V.
RF can be either fixed or variable, allowing the use of a
digitally controlled potentiometer to alter the gain under
software control.
Active Filter Configuration
When the MAX9727 is used as a line driver to provide
outputs that feed audio equipment (notebooks, desk-
tops, receivers, and set-top boxes) with a digital-to-
analog converter (DAC) used as an audio input source,
it is often desirable to eliminate any high-frequency
quantization noise produced by the DAC output before
it reaches the load. This high-frequency noise can
cause the input stages of the line-in equipment to
exceed slew-rate limitations or create excessive EMI
emissions on the cables between devices.
In order to suppress this noise, and to provide a 2VRMS
standard audio output level from a single 5V supply,
the MAX9727 can be configured as an active lowpass
filter. The
Functional Diagram/Typical Application
Circuit shows the MAX9727 connected as 2-pole
Rauch/Multiple Feedback filter with a passband gain of
6dB and a -3dB (below passband) cutoff frequency of
approximately 27kHz (see Figure 4 for Gain vs.
Frequency plot).
Input Filter
The input capacitor CIN, in conjunction with RIN, forms
a highpass filter that removes the DC bias from an
incoming signal. The AC-coupling capacitor allows the
amplifier to bias the signal to an optimum DC level.
Assuming zero-source impedance, the -3dB point of
the highpass filter is given by:
Setting f-3dB too high affects the low-frequency
response of the amplifier. Use capacitors with
dielectrics that have low-voltage coefficients, such as
tantalum or aluminum electrolytic. Capacitors with high-
voltage coefficients, such as ceramics, can increase
distortion at low frequencies.
Charge-Pump Capacitor Selection
Use capacitors with an ESR of less than 100mΩ for
optimum performance. Low-ESR ceramic capacitors
minimize the output resistance of the charge pump. For
best performance over the extended temperature
range, select capacitors with an X7R dielectric.
f
RC
dB
IN IN
−
=
3
1
2
π
A
R
R
V
F
IN
= −
Quad Audio Line Driver with 3VRMS Output
10
______________________________________________________________________________________
IN_-
RIN
IN_+
OUT_
RF
MAX9727
Figure 3. Inverting Amplifier Configuration
ACTIVE FILTER GAIN vs. FREQUENCY
FREQUENCY (kHz)
10
-12
-9
-6
-3
0
3
6
9
-15
1
100
Figure 4. MAX9727 Active Filter Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com