Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 32 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 28Page - Microchip Technology PAC1931 Datasheet HTML 29Page - Microchip Technology PAC1931 Datasheet HTML 30Page - Microchip Technology PAC1931 Datasheet HTML 31Page - Microchip Technology PAC1931 Datasheet HTML 32Page - Microchip Technology PAC1931 Datasheet HTML 33Page - Microchip Technology PAC1931 Datasheet HTML 34Page - Microchip Technology PAC1931 Datasheet HTML 35Page - Microchip Technology PAC1931 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 32
 2017-2019 Microchip Technology Inc.
6.0
REGISTERS IN HEXADECIMAL
ORDER
The registers shown in Table 6-1 are accessible
through the SMBus. In the individual register tables that
follow, an entry of ‘—’ indicates that the bit is not used
and will always read ‘0’.
Data represented by the data registers are ensured to
be synchronized and stable 1 ms after any of the
REFRESH commands are sent. Immediately after the
REFRESH commands are sent, the data bytes will be
changing dynamically until 1 ms has elapsed. When
new data is written to a Control register, and the master
reads it back, this new data will be read back even if no
REFRESH command has been sent to cause the new
data to take effect.
Note:
The letter N or n is used to represent
1,2,3,4 in the register and bit names
below, in sections that describe registers
that are grouped for all four channels.
Note:
For PAC1931, channels 2, 3 and 4 do not
contain valid data and will read FF. Also,
for PAC1932, channels 3 and 4 do not
contain valid data and will read FF. The
auto-incrementing pointer will skip these
channels by default (see Section 5.5
“Auto-Incrementing
Pointer”).
The
same applies to channel 4 for the
PAC1933.
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER
Register
Number
Description
Type
Bytes
POR
Value
Register 6-1
REFRESH Command (Address 00h)
Send Byte for REFRESH command
SEND
0
00h
Register 6-2
CTRL Register (Address 01h)
Configuration controls and status
R/W
1
00h
Register 6-3
ACC_COUNT Register (Address 02h)
Accumulator count for all channels
Block
Read
3000000h
Register 6-4
VPOWERN Accumulator Registers:
VPOWER1_ACC(03h), VPOWER2_ACC
(04h), VPOWER3_ACC (05h),
VPOWER4_ACC (06h)
Accumulator output for channel 1
Block
Read
6
Note 1
Accumulator output for channel 2
Block
Read
6
Note 1
Accumulator output for channel 3
Block
Read
6
Note 1
Accumulator output for channel 4
Block
Read
6
Note 1
Note 1:
The VPOWERN Accumulator Registers, 03h-06h, have a POR value that is all zeros: 6 bytes
 000000000000h
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com