Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 38 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 34Page - Microchip Technology PAC1931 Datasheet HTML 35Page - Microchip Technology PAC1931 Datasheet HTML 36Page - Microchip Technology PAC1931 Datasheet HTML 37Page - Microchip Technology PAC1931 Datasheet HTML 38Page - Microchip Technology PAC1931 Datasheet HTML 39Page - Microchip Technology PAC1931 Datasheet HTML 40Page - Microchip Technology PAC1931 Datasheet HTML 41Page - Microchip Technology PAC1931 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 38
 2017-2019 Microchip Technology Inc.
REGISTER 6-4:
VPOWERN ACCUMULATOR REGISTERS: VPOWER1_ACC(03h),
VPOWER2_ACC (04h), VPOWER3_ACC (05h), VPOWER4_ACC (06h)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VPOWERn[47:40]
bit 47
bit 40
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VPOWERn[39:32]
bit 39
bit 32
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VPOWERn[31:24]
bit 31
bit 24
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VPOWERn[23:16]
bit 23
bit 16
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VPOWERn[15:8]
bit 15
bit 8
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VPOWERn[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 47-0
VPOWERn_ACC[47:0]: contain the accumulated sum of VPOWER samples, where n = 1 to 4,
depending on device. These are 48 bit unsigned numbers unless either VBUS or VSENSE are configured
to have a bipolar range. In that case they will be 48-bit two's complement (signed) numbers.
Note that power is always calculated and accumulated using signed numbers for VBUS and VSENSE, but
if both VBUS and VSENSE are in the default unipolar mode, power is reported as an unsigned number.
This can lead to very small discrepancies between a manual comparison of the product of VBUS and
VSENSE and the results that the chip calculates and accumulates for VPOWER. The digital math in the
chip uses more bits than the reported results for VBUS and VSENSE, so the results registers for VPOWER
and Accumulated Power will in some cases have a more accurate number than calculations using the
results registers for VSENSE and VBUS will provide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com