Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 41 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 37Page - Microchip Technology PAC1931 Datasheet HTML 38Page - Microchip Technology PAC1931 Datasheet HTML 39Page - Microchip Technology PAC1931 Datasheet HTML 40Page - Microchip Technology PAC1931 Datasheet HTML 41Page - Microchip Technology PAC1931 Datasheet HTML 42Page - Microchip Technology PAC1931 Datasheet HTML 43Page - Microchip Technology PAC1931 Datasheet HTML 44Page - Microchip Technology PAC1931 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 41
PAC1931/2/3/4
REGISTER 6-9:
VPOWERN RESULT REGISTER: VPOWER1 (17H), VPOWER2 (18H), VPOWER3
(19H), VPOWER4 (1AH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VPOWERn[27:20]
bit 31
bit 24
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VPOWERn[19:12]
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VPOWERn[11:4]
bit 15
bit 8
R-0
R-0
R-0
R-0
U
U
U
U
VPOWERn[3:0]
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-4
VPOWERn[27:0]: these registers contain the product of VBUS (14 MSBs) and VSENSE which
represents Proportional Power for each channel.These are 28 bit unsigned numbers unless either VBUS
or VSENSE are configured to have a bipolar range. In that case they will be 28-bit two's complement
(signed) numbers.These are the numbers that are accumulated in the accumulators.
Note that power is always calculated using signed numbers for VBUS and VSENSE, but if both VBUS and
VSENSE are in the default unipolar mode, power is reported as an unsigned number. This can lead to
very small discrepancies between a manual comparison of the product of VBUS and VSENSE and the
results that the chip calculates for VPOWER.The digital math in the chip uses more bits than the reported
results for VBUS and VSENSE, so the results registers for VPOWER and Accumulated Power will in some
cases have a more accurate number than calculations using the results registers for VSENSE and VBUS
will provide.
bit 3-0
Not used at this time, always reads ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com