Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 39 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 35Page - Microchip Technology PAC1931 Datasheet HTML 36Page - Microchip Technology PAC1931 Datasheet HTML 37Page - Microchip Technology PAC1931 Datasheet HTML 38Page - Microchip Technology PAC1931 Datasheet HTML 39Page - Microchip Technology PAC1931 Datasheet HTML 40Page - Microchip Technology PAC1931 Datasheet HTML 41Page - Microchip Technology PAC1931 Datasheet HTML 42Page - Microchip Technology PAC1931 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 39
PAC1931/2/3/4
REGISTER 6-5:
VBUSN RESULT REGISTERS VBUS1 (07h), VBUS2 (08h), VBUS3 (09h),VBUS4
(0Ah)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VBUSn[15:8]
bit 15
bit 8
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VBUSn[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
VBUSn[15:0]: contain the most recent digitized value of a VBUS sample, where n = 1 to 4, depending
on device. These are 16 bit unsigned numbers unless VBUS is configured to have a bipolar range. In
that case they will be 16-bit two's complement (signed) numbers.
REGISTER 6-6:
VSENSEn RESULT REGISTERS: VSENSE1 (0Bh), VSENSE2 (0Ch), VSENSE3
(0Dh), VSENSE4 (0Eh)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VSENSEn[15:8]
bit 15
bit 8
R-0R-0
R-0R-0
R-0R-0
R-0R-0
VSENSEn[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
VSENSEn[15:0]: contain the most recent digitized value of VSENSE samples, where n = 1 to 4,
depending on device. These are 16 bit unsigned numbers unless VSENSE is configured to have a bipolar
range. In that case they will be 16-bit two's complement (signed) numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com