Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 50 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 50 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 46Page - Microchip Technology PAC1931 Datasheet HTML 47Page - Microchip Technology PAC1931 Datasheet HTML 48Page - Microchip Technology PAC1931 Datasheet HTML 49Page - Microchip Technology PAC1931 Datasheet HTML 50Page - Microchip Technology PAC1931 Datasheet HTML 51Page - Microchip Technology PAC1931 Datasheet HTML 52Page - Microchip Technology PAC1931 Datasheet HTML 53Page - Microchip Technology PAC1931 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 50
 2017-2019 Microchip Technology Inc.
REGISTER 6-20:
NEG_PWR _LAT (ADDRESS 26H)
R-0R-0
R-0R-0
R-0R-0
R-0R-0
CH1_BIDI
CH2_BIDI
CH3_BIDI
CH4 BIDI
CH1_BIDV
CH2_BIDV
CH3_BIDV
CH4_BIDV
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of the Register 6-17 NEG_PWR_ACT (Address 23h).The bits in this register reflect
the value of these settings that was active before the most recent REFRESH command (including REFRESH_V and/or
REFRESH_G). The values in register 1Dh may have been programmed but not activated by one of the REFRESH
commands, and the values in 23h are currently active. This register allows software to determine the actual active
setting that was active prior to the most recent REFRESH command and therefore corresponds to the dataset that is
held in the readable registers. This register is valid when the Results registers are valid, 1 ms after a REFRESH/_V/_G
command.
bit 7-4
CHn_BIDI[7:4]: the value of these settings that was latched prior to the most recent REFRESH
command (including REFRESH_V and/or REFRESH_G).
bit 3-0
CHn_BIDV[3:0]: the value of these settings that was latched prior to the most recent REFRESH
command (including REFRESH_V and/or REFRESH_G).
bit 7
0 = Channel 1 VSENSE ADC converts 0 to +100mV range with 16-bit straight binary output
1 = Channel 1 VSENSE ADC converts -100mV to +100mV range with 16 bit two’s complement output
bit 6
0 = Channel 2 VSENSE ADC converts 0 to +100mV range with 16-bit straight binary output
1 = Channel 2 VSENSE ADC converts -100mV to +100mV range with 16-bit two’s complement output
bit 5
0 = Channel 3 VSENSE ADC converts 0 to +100mV range with 16-bit straight binary output
1 = Channel 3 VSENSE ADC converts -100mV to +100mV range with 16-bit two’s complement output
bit 4
0 = Channel 4 VSENSE ADC converts 0 to +100mV range with 16-bit straight binary output
1 = Channel 4 VSENSE ADC converts -100mV to +100mV range with 16-bit two’s complement output
bit 3
0 = Channel 1 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 1 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
bit 2
0 = Channel 2 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 2 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
bit 1
0 = Channel 3 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 3 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output
bit 0
0 = Channel 4 VBUS ADC converts 0 to +32V range with 16-bit straight binary output
1 = Channel 4 VBUS ADC converts -32V to +32V range with 16-bit two’s complement output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com