Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 14 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 10Page - Microchip Technology PAC1931 Datasheet HTML 11Page - Microchip Technology PAC1931 Datasheet HTML 12Page - Microchip Technology PAC1931 Datasheet HTML 13Page - Microchip Technology PAC1931 Datasheet HTML 14Page - Microchip Technology PAC1931 Datasheet HTML 15Page - Microchip Technology PAC1931 Datasheet HTML 16Page - Microchip Technology PAC1931 Datasheet HTML 17Page - Microchip Technology PAC1931 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 14
 2017-2019 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
SenseN+/SenseN– (N=1,2,3,4)
These two pins form the differential input for measuring
voltage across a sense resistor in the application. The
positive input (SenseN+) also acts as the input pin for
bus voltage.
3.2
Ground (GND)
System ground.
3.3
SMBus Data (SM_DATA)
This is the bi-directional SMBus data pin. This pin is
open drain, and requires a pull-up resistor to VDD I/O.
3.4
SMBus Clock (SM_CLK)
This is the SMBus clock input pin.
3.5
Positive Power Supply Voltage
(VDD)
Power supply input pin for the device. 2.7-5.5V range,
bypass with 100 nF ceramic capacitor to ground near
the IC.
3.6
Digital Power Reference Voltage
(VDD I/O)
Connect this pin to the power supply voltage for the
digital controller driving the SMBus pins and digital
input pins for the device, 1.62V-5.5V. Bypass with
100 nF ceramic capacitor to ground near the IC. This
pin does not supply power, instead it acts as the VIH
reference.
TABLE 3-1:
PIN DESCRIPTIONS
QFN
WLCSP16
Symbol
Pin Type
Description
1C3
SLOW/ALERT
Digital I/O pin
Voltage range is set by VDD I/O pin. Default function is
SLOW, may be programmed to function as ALERT pin
(Open Collector when functioning as ALERT, requires pull-up
resistor to VDD I/O).
2A4
VDD
Power for IC
Positive power supply voltage
3
B4
GND
Ground pin
Ground for the IC
4
C4
SM_CLK
SMBus clock input
Clock Input pin
5
D4
SM_DATA
SMBus data I/O
Open drain requires pull-up resistor to VDD I/O
6
C2
ADDRSEL
Analog I/O pin
Address selection for the SMBus Slave address
7(1)
C1(2)
SENSE3
-
32V analog pin
0-32V range, connect to load side of sense resistor
8(1)
D1(2)
SENSE3+
32V analog pin
0-32V range, connect to supply side of sense resistor
9(1)
D2(2)
SENSE4
-
32V analog pin
0-32V range, connect to load side of sense resistor
10(1)
D3(2)
SENSE4+
32V analog pin
0-32V range, connect to supply side of sense resistor
11
A3
SENSE1+
32V analog pin
0-32V range, connect to supply side of sense resistor
12
A2
SENSE1
-
32V analog pin
0-32V range, connect to load side of sense resistor
13
A1(2)
SENSE2+
32V analog pin
0-32V range, connect to supply side of sense resistor
14
B1(2)
SENSE2-
32V analog pin
0-32V range, connect to load side of sense resistor
15
B2
VDD I/O
Sets VIH
reference for digital
I/O
Digital power reference level for digital I/O
16
B3
PWRDN
Digital input pin
Voltage range is set by VDD I/O pin. Active low puts the
device in power-down state (all circuitry is powered down
including SMBus).
17
—
EP
N/C
The Exposed pad is not electrically connected
Note 1: For PAC1932, pins 7,8,9,10 are not connected inside and should be grounded.
For PAC1933, pins 9 and 10 are not connected inside and should be grounded.
2: For PAC1931, solder balls on A1, B1, C1, D1, D2, and D3 are present but the channels are disabled internally and
should be grounded. For PAC1932, solder balls on C1, D1, D2, and D3 are present but the channels are disabled
internally and should be grounded. For PAC1933, solder balls on D2 and D3 are present but the channels are disabled
internally and should be grounded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com