Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1931 Datasheet(PDF) 34 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 30Page - Microchip Technology PAC1931 Datasheet HTML 31Page - Microchip Technology PAC1931 Datasheet HTML 32Page - Microchip Technology PAC1931 Datasheet HTML 33Page - Microchip Technology PAC1931 Datasheet HTML 34Page - Microchip Technology PAC1931 Datasheet HTML 35Page - Microchip Technology PAC1931 Datasheet HTML 36Page - Microchip Technology PAC1931 Datasheet HTML 37Page - Microchip Technology PAC1931 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 34
 2017-2019 Microchip Technology Inc.
Register 6-12
REFRESH_G Command (Address 1Eh)
REFRESH response to
General Call Address
SEND
0
N/A
Register 6-13
REFRESH_V Command (Address 1Fh)
Refreshes VBUS and VSENSE data
only,
no accumulator reset
SEND
0
N/A
Register 6-14
SLOW (Address 20h)
Status and control for
SLOW pin functions
R/W
1
15h
Register 6-15
CTRL_ACT Register (Address 21h)
Currently active value of 01h
(Control)
R1
00h
Register 6-16
Channel DIS_ACT (Address 22h)
Currently active value of
1Ch (CHANNEL_DIS and SMBus)
R1
00h
Register 6-17
NEG_PWR_ACT (Address 23h)
Currently active value of
1Dh(NEG_PWR)
R1
00h
Register 6-18
CTRL_LAT Register (Address 24h)
Latched image of 21h (CTRL_ACT)
R
1
00h
Register 6-19
Channel DIS_LAT (Address 25h)
Latched image of
22h (Channel DIS_ACT)
R1
00h
Register 6-20
NEG_PWR _LAT (Address 26h)
Latched image of
23h (NEG_PWR_ACT)
R1
00h
Register 6-21
Product ID Register (Address FDh)
Stores the Product ID
R
1
See register
details
Register 6-22
Manufacturer ID Register (Address FEh)
Stores the Manufacturer ID
R
1
5Dh
Register 6-23
Revision ID Register (Address FFh)
Stores the revision
R
1
03h
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Number
Description
Type
Bytes
POR
Value
Note 1:
The VPOWERN Accumulator Registers, 03h-06h, have a POR value that is all zeros: 6 bytes
 000000000000h
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com