Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 19 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PAC1934 Datasheet HTML 15Page - Microchip Technology PAC1934 Datasheet HTML 16Page - Microchip Technology PAC1934 Datasheet HTML 17Page - Microchip Technology PAC1934 Datasheet HTML 18Page - Microchip Technology PAC1934 Datasheet HTML 19Page - Microchip Technology PAC1934 Datasheet HTML 20Page - Microchip Technology PAC1934 Datasheet HTML 21Page - Microchip Technology PAC1934 Datasheet HTML 22Page - Microchip Technology PAC1934 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 19
PAC1931/2/3/4
Note that the REFRESH_V command may also be
used to activate changes to the Control register, just
like the REFRESH command, except with the
REFRESH_V command changes to the Control
register will be enacted without resetting the
accumulators
or
accumulator
count.
See
Register 6-13 REFRESH_V Command (Address
1Fh).
4.1.5
SLEEP STATE
The SLEEP state is a lower power state than the
Active state. While in this state, the device will draw a
supply current of ISLEEP from the VDD pin. The device
automatically goes to this state between conversion
cycles when sampling rates lower than 1,024
samples/second are selected, or if fewer than four
channels are active. All digital states and data are
retained in the SLEEP state. The device can also be
put in the Sleep state by setting the SLEEP bit
followed by a REFRESH or REFRESH_V command,
and sampling will resume when the SLEEP bit is
cleared followed by a REFRESH of REFRESH_V
command. The device does not go into SLEEP state
based on any other condition such as static conditions
on the SMBus pins. If SMBus Timeout is enabled, it is
supported in SLEEP mode or ACTIVE mode.
4.1.6
POWER-DOWN STATE
The Power-Down state is entered by pulling the
PWRDN pin low. In this state, all circuits on the chip
including the SMBus pins are inactive, and the device
is in a state of minimum power dissipation.
In the Power-Down state, no data is retained in the
chip (neither register configuration nor measurement
data). When the PWRDN pin is pulled high,
integration, measurement and accumulation will begin
using the default register settings, as described in
Section 4.1.1 “Initial Operation and Active State”.
The first measurement data may be requested by a
REFRESH or REFRESH_V command 20 ms after the
PWRDN pin is pulled high.
4.1.7
PROGRAMMING THE SAMPLE
RATE AND THE SLOW PIN
The default sampling rate after power-up is 1024
samples/second. Sampling rates of 256, 64 or 8
samples/second
may
be
programmed
in
the
Register 6-2 CTRL Register (Address 01h). Any time
a new sample rate is programmed, it does not take
effect
until
a
REFRESH,
REFRESH_G,
or
REFRESH_V command is received. When any of
these REFRESH commands are received, any
round-robin sampling cycle in progress will complete
before the new sampling rate takes effect. For
example, if the user is sampling at 8 SPS and program
a new sample rate, it may take up to 125 mS for the
new sample rate to take effect and for all the sample
rate related registers (like CTRL_ACT) to show their
updated values.
If one of these lower sample rates is used, power
dissipation is reduced. The round-robin sampling and
conversion cycle is exactly the same, but the device
goes into the sleep state between conversion cycles.
See Section 2.0 “Typical Operating Curves”.
If the SLOW pin is pulled high, the device will sample
at eight samples/second. No matter what the
programmed sample rate, this new SLOW sample rate
will take effect on the next conversion cycle (if a
round-robin conversion cycle is in process when the
SLOW pin goes high, that conversion cycle will
complete before the SLOW sample rate takes effect.)
If the device is programmed for Single Shot mode, and
the SLOW pin is asserted, the first sampling will begin
within 125 ms after the SLOW pin is asserted.
If the device is in the Sleep state, asserting the SLOW
pin will not cause sampling to start.
Whenever the SLOW pin changes state, a limited
REFRESH or REFRESH_V command may be
executed by the chip hardware (default is REFRESH).
Like any other REFRESH command, this resets the
accumulators and accumulator count for a REFRESH
command, and updates the readable registers for
either REFRESH or REFRESH_V. These are limited
REFRESH commands because no programmed
changes to the Control or Status registers take effect
(Control and Status registers means registers 01h,
1Ch, 1Dh, and 20h-26h). The readable registers are
stable with the new values within 1 ms of the SLOW
pin transition.
The Slow register enables selection of REFRESH or
REFRESH_V on the SLOW pin transitions, which
allows this function to be disabled for either edge, and
also tracks both the state of the SLOW pin and
transitions on the SLOW pin. See Register 6-14,
SLOW (Address 20h).
This is the default functionality of the SLOW pin, but it
may be reconfigured to function as an ALERT pin (see
paragraph Section 4.4 “Alert Functionality”). If the
SLOW pin is configured to serve as an ALERT pin, the
slower sampling rate of eight samples/second is only
available by programming the Control register 01h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com