Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 45 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 45 Page - Microchip Technology

Back Button PAC1934 Datasheet HTML 41Page - Microchip Technology PAC1934 Datasheet HTML 42Page - Microchip Technology PAC1934 Datasheet HTML 43Page - Microchip Technology PAC1934 Datasheet HTML 44Page - Microchip Technology PAC1934 Datasheet HTML 45Page - Microchip Technology PAC1934 Datasheet HTML 46Page - Microchip Technology PAC1934 Datasheet HTML 47Page - Microchip Technology PAC1934 Datasheet HTML 48Page - Microchip Technology PAC1934 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 45
PAC1931/2/3/4
REGISTER 6-14:
SLOW (ADDRESS 20H)
R-0
R-0
R-0
RW-1
RW-0
RW-1
RW-0
RW-1
SLOW
SLOW-LH
SLOW_HL
R_RISE
R_V_RISE
R_FALL
R_V_FALL
POR
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register tracks the state of the SLOW pin, tracks transitions on the SLOW pin, and controls the type of limited
REFRESH command (if any) that occurs on a SLOW pin transition. This allows software to monitor the state of the
SLOW pin and its transitions over I2C even though the SLOW pin is asynchronous to the I2C pins and may have a
different controller. All of the bits in this register are updated in real time, they do not require a REFRESH signal to be
updated.
Note that if a REFRESH and REFRESH_V are both enabled for a certain SLOW pin transition, REFRESH will be
executed (REFRESH wins over REFRESH_V).
On a transition of the SLOW pin, a limited REFRESH function is executed. These limited REFRESH and REFRESH_V
functions update all of the readable results registers. For the limited REFRESH function only, it also reset the
accumulators and accumulator count. These are called limited REFRESH and limited REFRESH_V functions because
there is no activation of any pending changes to the Control registers.
If the SLOW pin is configured to act as an ALERT pin, all of these bits are always 0. The bits are not cleared when
read, see the details on each bit for clearing information.
SLOW Control and Status Bits
bit 7 = 0
bit 7 = 1
The SLOW pin is pulled low externally
The SLOW pin is pulled high externally
bit 6 = 0
bit 6 = 1
The SLOW pin has not transitioned low to high since the last REFRESH command
The SLOW pin has transitioned low to high since the last REFRESH command
The bit is reset to 0 by a REFRESH or REFRESH_G command
bit 5 = 0
bit 5 = 1
The SLOW pin has not transitioned high to low since the last REFRESH command
The SLOW pin has transitioned high to low since the last REFRESH command
The bit is reset to 0 by a REFRESH or REFRESH_G command
bit 4 = 0
bit 4 = 1
Disables a limited REFRESH function to take place on the rising edge of the SLOW pin
Enables a limited REFRESH function to take place on the rising edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed.
bit 3 = 0
bit 3 = 1
Disables a limited REFRESH_V function to take place on the rising edge of the SLOW pin
Enables a limited REFRESH_V function to take place on the rising edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed
bit 2 = 0
bit 2 = 1
Disables a limited REFRESH function to take place on the falling edge of the SLOW pin
Enables a limited REFRESH function to take place on the falling edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed
bit 1 = 0
bit 1 = 1
Disables a limited REFRESH_V function to take place on the falling edge of the SLOW pin
Enables a limited REFRESH_V function to take place on the falling edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed
POR Status Bit
The POR bit is a POR flag, for the purpose of enabling the system designer can clear it after POR, and then monitor
it to detect if the device was powered cycled or somehow reset since the POR. If the reset is detected in this manner,
any non-default programming can be reprogrammed.
bit 0 = 0
bit 0 = 1
This bit has been cleared over I2C since the last POR occurred
This bit has the POR default value of 1, and has not been cleared since the last reset occurred
This bit is only reset by POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com