Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 27 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PAC1934 Datasheet HTML 23Page - Microchip Technology PAC1934 Datasheet HTML 24Page - Microchip Technology PAC1934 Datasheet HTML 25Page - Microchip Technology PAC1934 Datasheet HTML 26Page - Microchip Technology PAC1934 Datasheet HTML 27Page - Microchip Technology PAC1934 Datasheet HTML 28Page - Microchip Technology PAC1934 Datasheet HTML 29Page - Microchip Technology PAC1934 Datasheet HTML 30Page - Microchip Technology PAC1934 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 27
PAC1931/2/3/4
5.2
SMBus Time-Out
The PAC1931/2/3/4 can support the SMBus Time-Out
functionality. This functionality is disabled by default,
and can be enabled by writing to the Timeout bit (see
Register 6-10 CHANNEL_DIS and SMBus (Address
1Ch).
If Time-Out is enabled and the clock is held at logic ‘0’
for tTIMEOUT = 25-43 ms, the device will time-out and
reset the SMBus interface. Communication is restored
with a start condition.
5.3
SMBus and I2C Compatibility
The PAC1931/2/3/4 is compatible with SMBus 3.0
1 MHz class and I2C Fast-mode Plus. The major
differences between SMBus and I2C devices are
highlighted here. For more information, refer to the
SMBus 3.0 and I2C specifications.
1.
If Time-Out function is enabled, the minimum
frequency for SMBus communications is
10 kHz. If Time-Out function is disabled (default
condition), then there is no minimum frequency
for SMBus communications.
2.
If SMBus Time-Out is enabled in Register 6-10:
CHANNEL_DIS and SMBus (Address 1Ch),the
SMBus slave protocol will reset if the clock is
held at a logic ‘0’ for tTIMEOUT. I2C does not have
a time-out, this is the default condition.
3.
I2C devices do not support the Alert Response
Address functionality (which is optional for
SMBus).The PAC1931/2/3/4 does not support
the Alert Response Address functionality;
instead, the ALERT is a GPIO pin that may be
monitored by the master or Embedded
Controller.
4.
I2C devices support Block Read and Block Write
differently. I2C protocol allows for unlimited
number of bytes to be sent in either direction.
The SMBus protocol for Block Read and Block
Write requires that an additional data byte
indicating number of bytes to read/write is
transmitted. PAC1931/2/3/4 devices support the
I2C protocol for Block Read by default (no byte
count information is sent). If the Byte Count bit is
set (see Register 6-10: CHANNEL_DIS and
SMBus (Address 1Ch), it will be sent as the first
data byte in response to the Block Read
command, per SMBus protocol.
5.4
I2C/SMBus Protocols
The PAC1931/2/3/4 supports Write Byte, Read Byte,
Block Read, Send Byte and Receive Byte as valid
protocols.
It will not respond to the Alert Response Address
protocol. It will respond to the I2C General Call
Address.
All of the protocol charts listed below use the
convention in Table 5-2.
5.5
Auto-Incrementing Pointer
The PAC1931/2/3/4 has an auto-incrementing address
pointer. The pointer has two loops for auto-incrementing,
a read loop and a write loop.
The read loop includes all of the readable registers,
including all of the configuration and Control registers,
the results registers, and the Product ID, Manufacturer
ID and Revision ID registers.
The write loop includes only the writable control and
configuration registers.
Neither loop includes the REFRESH commands.
The read loop will skip inactive channels, if some
channels have been disabled. This automatic channel
skipping feature can be disabled by setting the No Skip
bit in Register 6-10: CHANNEL_DIS and SMBus
(Address 1Ch).
If the user elects to read disabled channels, they will
return FFh and the register address will by NACKed.
See Figure 5-1 for a graphic representation.
TABLE 5-2:
PROTOCOL FORMAT
Data Sent to Device
Data Sent to the Master
# of bits sent
# of bits sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com