Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 5 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 5 Page - Microchip Technology

  PAC1934 Datasheet HTML 1Page - Microchip Technology PAC1934 Datasheet HTML 2Page - Microchip Technology PAC1934 Datasheet HTML 3Page - Microchip Technology PAC1934 Datasheet HTML 4Page - Microchip Technology PAC1934 Datasheet HTML 5Page - Microchip Technology PAC1934 Datasheet HTML 6Page - Microchip Technology PAC1934 Datasheet HTML 7Page - Microchip Technology PAC1934 Datasheet HTML 8Page - Microchip Technology PAC1934 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 5
PAC1931/2/3/4
VSENSE – Bidirectional Currents
VSENSE
ADC Resolution
VSENSE_RES
—
—
16
bits
16-bit two’s complement (signed)
VSENSE
Full Scale Range
VSENSE_FSR
-100
—
100
mV
Bidirectional currents
VSENSE LSB Step
Size
VSENSE_LSB
—
3
—
µV
Bidirectional currents
VBUS Measurement Accuracy
VBUS Gain Accuracy
VBUS_GAIN_ERR
—±0.02
±0.2
±0.5
%
%
At +25°C
typical, -40 to +85°C
VBUS Offset Accuracy,
referenced to input
VBUS_
OFFSET_ERR
—±1
±2
—LSB
LSB
At +25°C
typical, -40 to +85°C
VBUS – Unipolar Voltages
VBUS
ADC Resolution
VBUS_RES
—
—
16
bits
Straight Binary for unidirectional
currents
VBUS Unipolar
Full-Scale Range
VBUS_FSR
0
—
32
V
Unipolar voltage
VBUS LSB Step Size
VBUS_LSB
—
488
—
µV
FSR = 32V, 16-bit resolution
VBUS – Bipolar Voltages
VBUS ADC Resolution
VBUS_RES
—
—
16
bits
16-bit two's complement (signed)
numbers are reported for VBUS
measurement result
VBUS Bipolar
Full-Scale Range
VBUS_FSR
–32
—
32
V
Mathematical scaling.
Physics limits the negative input
voltage to -0.2V
VBUS LSB Step Size
VBUS_LSB
—
976
—
µV
Bipolar voltages
Power Accumulator Accuracy
Accumulator Error
ACC_Err
—0.2
—
%
VSENSE = 97 mV
Accumulator Error
ACC_Err
—0.2
—
%
VSENSE = 10 mV
Accumulator Error
ACC_Err
—1
—
%
VSENSE = 1 mV
Accumulator Error
ACC_Err
—3
—
%
VSENSE = 100 µV
Accumulator Error
ACC_Err
—5
—
%
VSENSE = 50 µV
Active Mode Timing
Pull-Up Voltage
Range
VPULLUP
1.62
—
5.5
V
Pull-up voltage for I2C/SMBus pins
and digital I/O pins. Set by VDD I/O.
Time to First
Communications
tINT_T
—14.25
—
ms
Transition From Sleep
State to Start of
Conversion Cycle
tSLEEP_TO_ACTIVE
—3
—
ms
Digital I/O Pins (SM_CLK, SM_DATA, SLOW/ALERT, PWRDN)
Input High Voltage
VIH
VDD I/O
x 0.7
——
V
Input Low Voltage
VIL
——
VDDI/O
x 0.3
V
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, maximum values are at TA = -40°C to +85°C,
VDD = 2.7V to 5.5V, VDD I/O= 1.62V to 5.5V, VBUS = 0V to 32V; typical values are at TA = +25°C
VDD = VDD I/O = 3.3V, VBUS = 32V, VSENSE = (SENSE+ – SENSE-) = 0V
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com