Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 33 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PAC1934 Datasheet HTML 29Page - Microchip Technology PAC1934 Datasheet HTML 30Page - Microchip Technology PAC1934 Datasheet HTML 31Page - Microchip Technology PAC1934 Datasheet HTML 32Page - Microchip Technology PAC1934 Datasheet HTML 33Page - Microchip Technology PAC1934 Datasheet HTML 34Page - Microchip Technology PAC1934 Datasheet HTML 35Page - Microchip Technology PAC1934 Datasheet HTML 36Page - Microchip Technology PAC1934 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 33
PAC1931/2/3/4
Register 6-5
VBUSN Result Registers VBUS1 (07h),
VBUS2 (08h), VBUS3 (09h),VBUS4 (0Ah )
VBUS measurement for channel 1
Block
Read
2
0000h
VBUS measurement for channel 2
Block
Read
2
0000h
VBUS measurement for channel 3
Block
Read
2
0000h
VBUS measurement for channel 4
Block
Read
2
0000h
Register 6-6
VSENSEn Result Registers: VSENSE1
(0Bh), VSENSE2 (0Ch), VSENSE3 (0Dh),
VSENSE4 (0Eh)
VSENSE measurement for channel 1 Block
Read
2
0000h
VSENSE measurement for channel 2 Block
Read
2
0000h
VSENSE measurement for channel 3 Block
Read
2
0000h
VSENSE measurement for channel 4 Block
Read
2
0000h
Register 6-7
VBUSN_AVG Result Registers
VBUS1_AVG (0Fh), VBUS2_AVG (10h),
VBUS3_AVG (11h), VBUS4_AVG (12h)
Rolling average of eight most recent
VBUS1 measurements
Block
Read
2
0000h
Rolling average of eight most recent
VBUS2 measurements
Block
Read
2
0000h
Rolling average of eight most recent
VBUS3 measurements
Block
Read
2
0000h
Rolling average of eight most recent
VBUS4 measurements
Block
Read
2
0000h
Register 6-8
VSENSEn AVG Result Register
VSENSE1_AVG (13h), VSENSE2_AVG
(14h), VSENSE3_AVG(15h),
VSENSE4_AVG (16h)
Rolling average of eight most recent
VSENSE1 measurements
Block
Read
2
0000h
Rolling average of eight most recent
VSENSE2 measurements
Block
Read
2
0000h
Rolling average of eight most recent
VSENSE3 measurements
Block
Read
2
0000h
Rolling average of eight most recent
VSENSE4 measurements
Block
Read
2
0000h
Register 6-9
VPOWERN Result Register: VPOWER1
(17h), VPOWER2 (18h), VPOWER3 (19h),
VPOWER4 (1Ah)
VSENSE x VBUS for Channel 1
Block
Read
4
00000000h
VSENSE x VBUS for Channel 2
Block
Read
4
00000000h
VSENSE x VBUS for Channel 3
Block
Read
4
00000000h
VSENSE x VBUS for Channel 4
Block
Read
4
00000000h
Register 6-10
CHANNEL_DIS and SMBus (Address 1Ch)
Disable selected channels,
activate SMBus functionality,
pointer increment
R/W
1
PAC1931: 70h
PAC1932: 30h
PAC1933: 10h
PAC1934: 00h
Register 6-11
NEG_PWR (Address 1Dh)
Configuration control for
enabling bidirectional current and
bipolar voltage measurements
R/W
1
00h
TABLE 6-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Number
Description
Type
Bytes
POR
Value
Note 1:
The VPOWERN Accumulator Registers, 03h-06h, have a POR value that is all zeros: 6 bytes
 000000000000h
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com