Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 8 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PAC1934 Datasheet HTML 4Page - Microchip Technology PAC1934 Datasheet HTML 5Page - Microchip Technology PAC1934 Datasheet HTML 6Page - Microchip Technology PAC1934 Datasheet HTML 7Page - Microchip Technology PAC1934 Datasheet HTML 8Page - Microchip Technology PAC1934 Datasheet HTML 9Page - Microchip Technology PAC1934 Datasheet HTML 10Page - Microchip Technology PAC1934 Datasheet HTML 11Page - Microchip Technology PAC1934 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 8
 2017-2019 Microchip Technology Inc.
2.0
TYPICAL OPERATING CURVES
Note: Unless otherwise indicated, maximum values are at TA = -40°C to +85°C, VDD = 2.7V to 5.5V, VBUS = 0V to 32V;
typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V, VDD I/O = 1.62 to 5.5V.
FIGURE 2-1:
VSENSE Error vs. VSENSE
Input Voltage.
FIGURE 2-2:
VSENSE Error vs. VSENSE
Input Voltage Bidirectional Mode.
FIGURE 2-3:
VSENSE Error vs. VSENSE
Input Voltage vs. Temperature.
FIGURE 2-4:
VSENSE Error vs. VSENSE
Input Voltage and Temperature.
FIGURE 2-5:
VSENSE Error vs. VSENSE
Input Voltage Bidirectional Mode (Zoom View).
FIGURE 2-6:
VSENSE Error vs. VSENSE
and Common Mode.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10uV
100uV
1mV
10mV
100mV
-10
5
0
5
10
Sense Input Voltage
3.3vDC 25oC
-80 -60 -40 -20
0
20
40
60
80
-0.025%
0.0125%
0
0.0125%
0.025%
Sense Input Voltage (mV)
CM3.3v 3.3vDC 25oC
0
20mV
40mV
60mV
80mV
100mV
-0.1%
-0.15%
-0.05%
0
0.05%
Sense Input Voltage
Ch1 3.3vDC -40oC
Ch1 3.3vDC 0oC
Ch1 3.3vDC 25oC
Ch1 3.3vDC 85oC
Ch1 3.3vDC 125oC
1uV
10uV
0.1mV
1mV
10mV
100mV
-15
-10
-5
0
5
10
15
20
25
Sense Input Voltage
3.3vDC -40oC
3.3vDC 0oC
3.3vDC 25oC
3.3vDC 85oC
3.3vDC 125oC
-1mV
-0.5mV
0
0.5mV
1mV
-0.025%
0.025%
0.0125%
-0.0125%
0
Sense Input Voltage
CM3.3v 3.3vDC 25oC
0
20mV
40mV
60mV
80mV
100mV
0.025%
0
-0.025%
0.05%
-0.05%
Sense Input Voltage
CM1v 3.3vDC 25oC
CM3v 3.3vDC 25oC
CM5v 3.3vDC 25oC
CM16v 3.3vDC 25oC
CM32v 3.3vDC 25oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com