Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1934 Datasheet(PDF) 12 Page - Microchip Technology

Part # PAC1934
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1934 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PAC1934 Datasheet HTML 8Page - Microchip Technology PAC1934 Datasheet HTML 9Page - Microchip Technology PAC1934 Datasheet HTML 10Page - Microchip Technology PAC1934 Datasheet HTML 11Page - Microchip Technology PAC1934 Datasheet HTML 12Page - Microchip Technology PAC1934 Datasheet HTML 13Page - Microchip Technology PAC1934 Datasheet HTML 14Page - Microchip Technology PAC1934 Datasheet HTML 15Page - Microchip Technology PAC1934 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 12
 2017-2019 Microchip Technology Inc.
Note: Unless otherwise indicated, maximum values are at TA = -40°C to +85°C, VDD = 2.7V to 5.5V, VBUS = 0V to 32V;
typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V, VDD I/O = 1.62 to 5.5V.
FIGURE 2-25:
VSENSE Input Current –
Active Mode, 1024 Samples/Second.
FIGURE 2-26:
VBUS Input Leakage Current
vs. VDD and Temperature.
FIGURE 2-27:
VBUS Input Current – Active
Mode, 1024 Samples/Second.
FIGURE 2-28:
VSENSE Input Leakage
Current vs. VDD and Temperature.
FIGURE 2-29:
Clock Frequency Error
-40°C to +85°C. Total Population 200 Devices.
FIGURE 2-30:
Clock Frequency Error at
30°C. Total Population 11,189 Devices.
-40
0
25
55
85
125
-0.5
0
0.5
1
1.5
2
Temperature (oC)
0v CM
1v CM
5v CM
16v CM
32v CM
-40
0
25
55
85
125
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
Temperature (oC)
0v
1v
5v
16v
32v
-40
0
25
55
85
125
0
0.5
1
1.5
2
2.5
Temperature (oC)
0v
1v
5v
16v
32v
-40
0
25
55
85
125
0
0.005
0.01
0.015
0.02
0.025
0.03
Temperature (oC)
0v CM
1v CM
5v CM
16v CM
32v CM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com