Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 29 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 29 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVXX Datasheet HTML 25Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 26Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 27Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 28Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 29Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 30Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 31Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 32Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 29
SST26VF040A
5.19
Chip Erase
The Chip Erase instruction clears all bits in the device
to ‘1’. The Chip Erase instruction is ignored if any of the
memory area is protected. Prior to any write operation,
execute the WREN instruction.
To execute a Chip Erase operation, the host drives CE#
low, sends the Chip Erase command cycle (C7H or
60H), then drives CE# high. Poll the BUSY bit in the
STATUS register, or wait TSCE, for the completion of the
internal, self-timed, write operation. See Figures 5-25
and 5-26 for the Chip Erase sequence.
FIGURE 5-25:
CHIP ERASE SEQUENCE (SQI)
FIGURE 5-26:
CHIP ERASE SEQUENCE (SPI)
Note:
C[1:0] = C7H
MODE 3
0
1
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
CE#
SO
SI
SCK
0 1 234 5 6 7
C7
High-Impedance
MODE 0
MODE 3
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com