Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 68 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 68 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVXX Datasheet HTML 64Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 65Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 66Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 67Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 68Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 69Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 70Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 71Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 68
SST26VF040A
SST26VF040A (Vendor) Parameter Table
SST26VF040A Identification
200H
A7:A0
BFH
Manufacturer ID
201H
A15:A8
26H
Memory Type
202H
A23:A16
14H
Device ID
SST26VF040A = 14H
203H
A31:A24
FFH
Reserved. Bits default to all 1’s.
SST26VF040A Interface
204H
A2:A0
B9H
Interfaces Supported
000: SPI only
001: Power-up default is SPI; Quad can be enabled/disabled
010: Reserved
●
●
●
111: Reserved
A3
Supports Enable Quad
0: not supported
1: supported
A6:A4
Supports Hold#/RST# Function
000: Hold#
001: RST#
010: HOLD/RST#
011: I/O when in SQI(4-4-4), 1-4-4 or 1-1-4 Read
A7
Supports Software Reset
0: not supported
1: supported
205H
A8
DFH
Supports Quad Reset
0: not supported
1: supported
A10:A9
Reserved. Bits default to all 1’s.
A13:A11
Byte-Program or Page-Program (256 Bytes)
011: Byte Program/Page Program in SPI and Quad Page Program once
Quad is enabled
A14
Program-Erase Suspend Supported
0: Not Supported
1: Program/Erase Suspend Supported
A15
Deep Power-Down Mode Supported
0: Not Supported
1: Deep Power-Down Mode Supported
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (SHEET 10 OF 13)
Address
Bit
Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com