Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF040A-80I/SNVXX Datasheet(PDF) 33 Page - Microchip Technology

Part # SST26VF040A-80I/SNVXX
Description  2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF040A-80I/SNVXX Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST26VF040A-80I/SNVXX Datasheet HTML 29Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 30Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 31Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 32Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 33Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 34Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 35Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 36Page - Microchip Technology SST26VF040A-80I/SNVXX Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
 2020-2021 Microchip Technology Inc.
DS20006292B-page 33
SST26VF040A
5.28
Lockout Security ID
The Lockout Security ID instruction prevents any future
changes to the Security ID, and is supported in both
SPI and SQI modes. Prior to the operation, execute
WREN.
To execute a Lockout SID, the host drives CE# low,
sends the Lockout Security ID command cycle (85H),
then drives CE# high. Poll the BUSY bit in the software
STATUS register, or wait TPSID for the completion of the
Lockout Security ID operation.
5.29
Read STATUS Register (RDSR)
and Read Configuration Register
(RDCR)
The Read STATUS Register (RDSR) and Read Config-
uration Register (RDCR) commands output the con-
tents of the STATUS and Configuration registers.
These commands function in both SPI and SQI modes.
The STATUS register may be read at any time, even
during a write operation. When a write is in progress,
poll the BUSY bit before sending any new commands
to assure that the new commands are properly
received by the device.
To read the STATUS or Configuration registers, the
host drives CE# low, then sends the Read STATUS
Register command cycle (05H) or the Read Configura-
tion Register command (35H). A dummy cycle is
required in SQI mode. Immediately after the command
cycle, the device outputs data on the falling edge of the
SCK signal. The data output stream continues until ter-
minated by a low-to-high transition on CE#. See
Figures 5-30 and 5-31 for the instruction sequence.
FIGURE 5-30:
READ STATUS REGISTER AND READ CONFIGURATION REGISTER SEQUENCE
(SQI)
FIGURE 5-31:
READ STATUS REGISTER AND READ CONFIGURATION REGISTER SEQUENCE
(SPI)
TABLE 5-5:
PROGRAM SECURITY ID
Program Security ID
Address Range
Unique ID Preprogrammed at Factory
0000-000FH
User-Programmable
0010H-07FFH
Note:
MSN = Most Significant Nibble, LSN = Least Significant Nibble, C[1:0] = 05H or 35H
MODE 3
0
SCK
SIO[3:0]
CE#
C1 C0
MODE 0
2
XX
MSN LSN
4
H0 L0
6
H0 L0
8
H0 L0
Dummy
STATUS ByteSTATUS Byte
STATUS Byte
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
MODE 3
SCK
SI
SO
CE#
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
05 or 35H
MODE 0
High-Impedance
STATUS or Configuration
Register Out
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com